Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6277 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 6277
Description  8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6277 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button 6277 Datasheet HTML 2Page - Allegro MicroSystems 6277 Datasheet HTML 3Page - Allegro MicroSystems 6277 Datasheet HTML 4Page - Allegro MicroSystems 6277 Datasheet HTML 5Page - Allegro MicroSystems 6277 Datasheet HTML 6Page - Allegro MicroSystems 6277 Datasheet HTML 7Page - Allegro MicroSystems 6277 Datasheet HTML 8Page - Allegro MicroSystems 6277 Datasheet HTML 9Page - Allegro MicroSystems 6277 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6277
8-BIT SERIAL-INPUT,
CONSTANT-CURRENT
LATCHED LED DRIVER
6
TIMING REQUIREMENTS and SPECIFICATIONS
(Logic Levels are VDD and Ground)
A. Data Active Time Before Clock Pulse
(Data Set-Up Time), tsu(D) .......................................... 60 ns
B. Data Active Time After Clock Pulse
(Data Hold Time), th(D) .............................................. 20 ns
C. Clock Pulse Width, tw(CK) ............................................... 50 ns
D. Time Between Clock Activation
and Latch Enable, tsu(L) ............................................ 100 ns
E. Latch Enable Pulse Width, tw(L) ................................... 100 ns
F. Output Enable Pulse Width, tw(OE) ................................ 4.5
µs
NOTE – Timing is representative of a 10 MHz clock.
Significantly higher speeds are attainable.
— Max. Clock Transition Time, tr or tf .............................. 10
µs
Information present at any register is transferred to the
respective latch when the LATCH ENABLE is high (serial-to-
parallel conversion). The latches will continue to accept new
data as long as the LATCH ENABLE is held high. Applica-
tions where the latches are bypassed (LATCH ENABLE tied
high) will require that the OUTPUT ENABLE input be high
during serial data entry.
When the OUTPUT ENABLE input is high, the output
source drivers are disabled (OFF). The information stored in the
latches is not affected by the OUTPUT ENABLE input. With
the OUTPUT ENABLE input low, the outputs are controlled by
the state of their respective latches.
OUTPUT
ENABLE
OUTN
Dwg. WP-030-1
DATA
10%
50%
dis(BQ)
t
F
en(BQ)
t
HIGH = ALL OUTPUTS DISABLED (BLANKED)
f
t
r
t
90%
CLOCK
SERIAL
DATA IN
LATCH
ENABLE
OUTPUT
ENABLE
OUTN
Dwg. WP-029-3
50%
SERIAL
DATA OUT.
1
DATA
DATA
50%
50%
50%
C
A
B
D
E
LOW = ALL OUTPUTS ENABLED
p
t
DATA
50%
p
t
LOW = OUTPUT ON
HIGH = OUTPUT OFF
SERIAL
DATA OUT.2
DATA
50%
p
t


Similar Part No. - 6277

ManufacturerPart #DatasheetDescription
logo
Bi technologies
627 BITECH-627 Datasheet
65Kb / 5P
   220 Small Outline Dual-In-Line Thick Film Surface Mount Resistor Networks
627 BITECH-627 Datasheet
276Kb / 5P
   .220??Small Outline
logo
List of Unclassifed Man...
627 ETC2-627 Datasheet
276Kb / 5P
   MODELS 627, 628 Model 627, 628 Series
627 ETC2-627 Datasheet
61Kb / 1P
   CE-Mark Approval
627-000-001 ETC2-627-000-001 Datasheet
226Kb / 2P
   627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
More results

Similar Description - 6277

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6275 ALLEGRO-6275 Datasheet
179Kb / 12P
   8-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
6276 ALLEGRO-6276 Datasheet
190Kb / 12P
   16-BIT SERIAL-INPUT, CONSTANTCURRENT LATCHED LED DRIVER
A6275ELWTR ALLEGRO-A6275ELWTR Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275EA-T ALLEGRO-A6275EA-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
A6275ELWTR-T ALLEGRO-A6275ELWTR-T Datasheet
533Kb / 12P
   8-Bit Serial Input Constant-Current Latched LED Driver
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
   8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com