Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6273KLW Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A6273KLW
Description  8-BIT LATCHED DMOS POWER DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6273KLW Datasheet(HTML) 4 Page - Allegro MicroSystems

  A6273KLW Datasheet HTML 1Page - Allegro MicroSystems A6273KLW Datasheet HTML 2Page - Allegro MicroSystems A6273KLW Datasheet HTML 3Page - Allegro MicroSystems A6273KLW Datasheet HTML 4Page - Allegro MicroSystems A6273KLW Datasheet HTML 5Page - Allegro MicroSystems A6273KLW Datasheet HTML 6Page - Allegro MicroSystems A6273KLW Datasheet HTML 7Page - Allegro MicroSystems A6273KLW Datasheet HTML 8Page - Allegro MicroSystems A6273KLW Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
6273
8-BIT LATCHED
DMOS POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Logic Supply Voltage
VDD
Operating
4.5
5.0
5.5
V
Output Breakdown
V(BR)DSX
IO = 1 mA
50
V
Voltage
Off-State Output
IDSX
VO = 40 V
0.05
1.0
µA
Current
VO = 40 V TA = 125°C
0.15
5.0
µA
Static Drain-Source
rDS(on)
IO = 250 mA, VDD = 4.5 V
1.3
2.0
On-State Resistance
IO = 250 mA, VDD = 4.5 V, TA = 125°C—
2.0
3.2
IO = 500 mA, VDD = 4.5 V (see note)
1.3
2.0
Nominal Output
IO(nom)
VDS(on) = 0.5 V, TA = 85°C
250
mA
Current
Logic Input Current
IIH
VI = VDD = 5.5 V
1.0
µA
IIL
VI = 0, VDD = 5.5 V
-1.0
µA
Prop. Delay Time
tPLH
IO = 250 mA, CL = 30 pF
625
ns
tPHL
IO = 250 mA, CL = 30 pF
150
ns
Output Rise Time
tr
IO = 250 mA, CL = 30 pF
675
ns
Output Fall Time
tf
IO = 250 mA, CL = 30 pF
400
ns
Supply Current
IDD(off)
VDD = 5.5 V, Outputs OFF
15
100
µA
IDD(on)
VDD = 5.5 V, Outputs ON
150
300
µA
Typical Data is at VDD = 5 V and is for design information only.
NOTE — Pulse test, duration
≤100 µs, duty cycle ≤2%.
ELECTRICAL CHARACTERISTICS at TA = +25
°C, V
DD = 5 V, tir = tif
10 ns (unless otherwise
specified).
RECOMMENDED OPERATING CONDITIONS
over operating temperature range
Logic Supply Voltage Range, VDD ............... 4.5 V to 5.5 V
High-Level Input Voltage, VIH ............................ ≥ 0.85VDD
Low-level input voltage, VIL ................................. ≤0.15VDD


Similar Part No. - A6273KLW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6273KLW ALLEGRO-A6273KLW Datasheet
178Kb / 11P
   8-Bit Latched, DMOS Power Driver
More results

Similar Description - A6273KLW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6B273 ALLEGRO-6B273 Datasheet
129Kb / 12P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
   8-Bit Latched, DMOS Power Driver
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
   8-Bit Latched, DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
6259 ALLEGRO-6259 Datasheet
172Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
6A259 ALLEGRO-6A259 Datasheet
205Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
   8-Bit Addressable, DMOS Power Driver
A6259 ALLEGRO-A6259 Datasheet
194Kb / 11P
   8-Bit Addressable DMOS Power Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com