Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCN5910A-2 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # UCN5910A-2
Description  HIGH-VOLTAGE BiMOS III 10-BIT SERIAL-INPUT, LATCHED DRIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UCN5910A-2 Datasheet(HTML) 3 Page - Allegro MicroSystems

  UCN5910A-2 Datasheet HTML 1Page - Allegro MicroSystems UCN5910A-2 Datasheet HTML 2Page - Allegro MicroSystems UCN5910A-2 Datasheet HTML 3Page - Allegro MicroSystems UCN5910A-2 Datasheet HTML 4Page - Allegro MicroSystems UCN5910A-2 Datasheet HTML 5Page - Allegro MicroSystems UCN5910A-2 Datasheet HTML 6Page - Allegro MicroSystems UCN5910A-2 Datasheet HTML 7Page - Allegro MicroSystems UCN5910A-2 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5910
HIGH-VOLTAGE BiMOS III
10-BIT SERIAL-INPUT,
LATCHED DRIVERS
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 150 V (basic devices) or
140 V (suffix “-2”) unless otherwise noted.
Limits @ VDD = 5 V Limits @ V
DD = 12 V
Characteristic
Symbol
Test Conditions
Mln. Typ. Max.
Min. Typ. Max.
Units
Output Leakage Current
ICEX
VOUT = 0 V, TA = +70°C
-5.0
-15
-5.0
-15
µA
Output Voltage
VOUT(1)
Basic, IOUT = -40 mA
145
148
145
148
V
Suffix “-2”, IOUT = -40 mA
135
135
V
VOUT(0)
IOUT = 5 mA
2.5
3.2
2.0
3.2
V
IOUT = 10 mA
5.0
V
IOUT = 30 mA
12
25
V
Output Pull-Down Current
IOUT(0)
VOUT = 5 V to VBB
10
14
mA
VOUT = 20 V to VBB
25
40
mA
Input Voltage
VIN(1)
3.5
5.3
10.5
12.3
V
VIN(0)
-0.3
+0.8
-0.3
+0.8
V
Input Current
IIN(1)
VIN = VDD
–0.05
0.5
–0.05
1.0
µA
IIN(0)
VIN = 0.8 V
-0.3
-0.8
-0.3
-0.8
µA
Serial Data Output Voltage
VOUT(1)
IOUT = -200 µA
4.5
5.0
11.7
12
V
VOUT(0)
IOUT = 200 µA
200
250
200
250
mV
Maximum Clock Frequency
fclk
3.3
5.0
5.0
MHz
Supply Current
IDD(1)
All Outputs High
320
450
650
800
µA
IDD(0)
All Outputs Low
320
450
650
800
µA
IBB(1)
Outputs High, No Load
0.6
1.75
0.91.75
mA
IBB(0)
Outputs Low
10
100
10
100
µA
Blanking to Output Delay
tPHL
CL = 30 pF, 50% to 50%
0.7
0.9–
0.35
0.6
µs
tPLH
CL = 30 pF, 50% to 50%
0.91.3
0.35
0.6
µs
Output Fall Time
tf
CL = 30 pF, 90% to 10%
1.3
1.5
0.6
0.7
µs
Output Rise Time
tr
CL = 30 pF, 10% to 90%
1.2
1.5
1.0
1.2
µs
Negative current is defined as coming out of (sourcing) the specified device terminal.


Similar Part No. - UCN5910A-2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCN5800 ALLEGRO-UCN5800 Datasheet
117Kb / 12P
   BiMOS II LATCHED DRIVERS
UCN5800A ALLEGRO-UCN5800A Datasheet
117Kb / 12P
   BiMOS II LATCHED DRIVERS
UCN5800A ALLEGRO-UCN5800A Datasheet
320Kb / 13P
   BiMOS II Latched Drivers
October 28, 2005
UCN5800L ALLEGRO-UCN5800L Datasheet
117Kb / 12P
   BiMOS II LATCHED DRIVERS
UCN5800L ALLEGRO-UCN5800L Datasheet
320Kb / 13P
   BiMOS II Latched Drivers
October 28, 2005
More results

Similar Description - UCN5910A-2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5810-F ALLEGRO-5810-F Datasheet
158Kb / 8P
   BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com