Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6118 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part No. 6118
Description  VACUUM FLUORESCENT DISPLAY DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

6118 Datasheet(HTML) 3 Page - Allegro MicroSystems

  6118 Datasheet HTML 1Page - Allegro MicroSystems 6118 Datasheet HTML 2Page - Allegro MicroSystems 6118 Datasheet HTML 3Page - Allegro MicroSystems 6118 Datasheet HTML 4Page - Allegro MicroSystems 6118 Datasheet HTML 5Page - Allegro MicroSystems 6118 Datasheet HTML 6Page - Allegro MicroSystems 6118 Datasheet HTML 7Page - Allegro MicroSystems 6118 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6118
VACUUM FLUORESCENT
DISPLAY DRIVER
www.allegromicro.com
RECOMMENDED OPERATING CONDITIONS
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
V
BB
5.0
70
V
Input ON Voltage
V
IN
2.4
15
V
Output ON Current
I
OUT
-25
mA
ELECTRICAL CHARACTERISTICS (over operating temperature range) at V
BB = 80 V.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
IOUT
VIN = 0.4 V
15
µA
Output OFF Voltage
VOUT
VIN = 0.4 V
1.0
V
Output Pull-Down Current
IOUT
Input Open, VOUT = VBB
450
650
1100
µA
Output ON Voltage
VOUT
VIN = 2.4 V, IOUT = -25 mA
77
78
V
Input ON Current
IIN
VIN = 2.4 V
120
225
µA
VIN = 5.0 V
375
650
µA
Supply Current
IBB
All Inputs Open
10
100
µA
All Inputs = 2.4 V
6.0
9.0
mA
NOTE: Positive (negative) current is defined as going into (coming out of) the specified device terminal.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSC1209 42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function 1  2  3  4  5  More OKI electronic componets
ML9209 Vacuum fluorescent display tube controller driver 1  2  3  4  5  More OKI electronic componets
ML9261A 60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1  2  3  4  5  More OKI electronic componets
DS8881 Vacuum Fluorescent Display Driver 1  2  3  4  5  More National Semiconductor (TI)
CS1087 Vacuum Fluorescent Display Tube Driver 1  2  3  4  5  More ON Semiconductor
CS1089 Vacuum Fluorescent Display Tube Driver 1  2  3  4  5  More ON Semiconductor
STV7710 Vacuum Fluorescent Display VFD Driver 1  2  3  4  5  More STMicroelectronics
LM9022 Vacuum Fluorescent Display Filament Driver 1  2  3  4  5  More National Semiconductor (TI)
ML9261 60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1  2  3  4  5  More OKI electronic componets
MSC1162A 40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver 1  2  3  4  5  More OKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn