Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7898AR-10REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7898AR-10REEL7
Description  5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7898AR-10REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7898AR-10REEL7 Datasheet HTML 5Page - Analog Devices AD7898AR-10REEL7 Datasheet HTML 6Page - Analog Devices AD7898AR-10REEL7 Datasheet HTML 7Page - Analog Devices AD7898AR-10REEL7 Datasheet HTML 8Page - Analog Devices AD7898AR-10REEL7 Datasheet HTML 9Page - Analog Devices AD7898AR-10REEL7 Datasheet HTML 10Page - Analog Devices AD7898AR-10REEL7 Datasheet HTML 11Page - Analog Devices AD7898AR-10REEL7 Datasheet HTML 12Page - Analog Devices AD7898AR-10REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
–9–
REV. A
AD7898
Figure 2 shows the analog input section for the AD7898-10
and AD7898-3. The analog input range of the AD7898-10 is
±10 V into an input resistance of typically 30 kΩ. The analog
input range of the AD7898-3 is
±2.5 V into an input resistance
of typically 6 k
Ω. This input is benign, with no dynamic charg-
ing currents, as the resistor stage is followed by a high input
impedance stage of the track/hold amplifier. For the AD7898-10,
R1 = 30 k
Ω, R2 = 7.5 kΩ and R3 = 10 kΩ. For the AD7898-3,
R1 = R2 = 6.5 k
Ω and R3 is open circuit.
For the AD7898-10 and AD7898-3, the designed code transi-
tions occur midway between successive LSB values (i.e., 1/2 LSB,
3/2 LSBs, 5/2 LSBs . . .). Output coding is twos complement
binary with 1 LSB = FS/4096. For the AD7898-10 1 LSB = 20/
4096 = 4.88 mV. For the AD7898-3 1 LSB = 5/4096 = 1.22 mV.
The ideal input/output coding for the AD7898-10 and AD7898-3
is shown in Table I.
Table I. Ideal Input/Output Code Table for the AD7898-10/
AD7898-3 Digital Output
Analog Input
l
Code Transition
+FSR/2 – 3/2 LSB
2
011 . . . 110 to 011 . . . 111
+FSR/2 – 5/2 LSBs
011 . . . 101 to 011 . . . 110
+FSR/2 – 7/2 LSBs
011 . . . 100 to 011 . . . 101
AGND + 3/2 LSB
000 . . . 001 to 000 . . . 010
AGND + 1/2 LSB
000 . . . 000 to 000 . . . 001
AGND – 1/2 LSB
111 . . . 111 to 000 . . . 000
AGND – 3/2 LSB
111 . . . 110 to 111 . . . 111
–FSR/2 + 5/2 LSBs
100 . . . 010 to 100 . . . 011
–FSR/2 + 3/2 LSBs
100 . . . 001 to 100 . . . 010
–FSR/2 + 1/2 LSB
100 . . . 000 to 100 . . . 001
NOTES
1FSR is full-scale range = 20 V (AD7898-10) and = 5 V (AD7898-3) with
REF IN = 2.5 V.
21 LSB = FSR/4096 = 4.883 mV (AD7898-10) and 1.22 mV (AD7898-3) with
REF IN = 2.5 V.
SOURCE IMPEDANCE –
–70
–75
–85
10k
100
10
–60
–65
–80
–90
1k
f
IN = 10k
f
IN = 50k
f
IN = 25k
f
IN = 110k
Figure 3. THD vs. Source Impedance for Various Analog
Input Frequencies
Figure 3 shows a graph of THD versus source impedance for
different analog input frequencies when using a supply voltage
of 5 V, VDRIVE of 5 V, and sampling at a rate of 220 kSPS.
Source impedance has a minimal effect on THD because of the
resistive ladder structure of the input section of the ADC. Figure 4
shows a graph of THD versus Analog input frequency for vari-
ous supply voltages while sampling at 220 kSPS.
INPUT FREQUENCY – kHz
–20
–40
–80
1000
10
0
–10
–60
–100
100
–30
–70
–50
–90
VDD = VDRIVE = 4.75V
VDD = VDRIVE = 5.25V
VDD = 5.0V, VDRIVE = 3.0V
Figure 4. THD vs. Analog Input Frequency for Various
Supply Voltages
Acquisition Time
The track-and-hold amplifier enters its tracking mode on the
falling 14th SCLK edge after the
CS falling edge for Mode 1
operation. The time required for the track-and-hold amplifier to
acquire an input signal will depend on how quickly the 9.1 pF
sampling capacitance is charged. With zero source impedance
on the analog input, two SCLK cycles plus tQUIET will always
be sufficient to acquire the signal to the 12-bit level. With an
SCLK frequency of 3.7 MHz, the acquisition time would be
2
× (270 ns) + t
QUIET.
The acquisition time required is calculated using the following
formula:
tACQ = 10
× (RC)
where R is the resistance seen by the track-and-hold amplifier
looking back on the input e.g., for AD7898-10 R = 3.75 k
Ω and
for AD7898-3 R = 3.25 k
Ω. The sampling capacitor has a value
of 9.1 pF. Theoretical acquisition times would be 340 ns for
AD7898-10, and 295 ns for AD7898-3. These theoretical values
do not include tQUIET or track propagation delays in the part,
typical values would be 520 ns for the AD7898-10 and 450 ns
for the AD7898-3.


Similar Part No. - AD7898AR-10REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7898AR-10REEL7 AD-AD7898AR-10REEL7 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR-10REEL7 AD-AD7898AR-10REEL7 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
More results

Similar Description - AD7898AR-10REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7898AR10 AD-AD7898AR10 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898 AD-AD7898 Datasheet
184Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. 0
AD7898 AD-AD7898_17 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
AD7898 AD-AD7898_15 Datasheet
220Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com