Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

743-615-00-50 Datasheet(PDF) 2 Page - Marl International Limited

Part # 743-615-00-50
Description  high intensity Step Light
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

743-615-00-50 Datasheet(HTML) 2 Page - Marl International Limited

  743-615-00-50 Datasheet HTML 1Page - Marl International Limited 743-615-00-50 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
+2
40
RE
025/11
MODEL NAME
SHEET
DRAWING NO
ISSUE
SPL8356
2
SPL8356
4
ISSUE
MODIFICATION
DRN
DATE
1
ORIGINAL ISSUE
NJK
04.02.08
THIS DRAWING AND ANY COPYRIGHT THEREIN BELONGS TO MARL INTERNATIONAL LIMITED AND MUST NOT BE COPIED OR DISCLOSED TO A THIRD PARTY WITHOUT PRIOR WRITTEN CONSENT OF MARL INTERNATIONAL LIMITED
TOLERANCE/ SCALE UOS
LINEAR
ANGULAR
ORIGINAL SCALE
ALL DIMENSIONS
IN MM
DRN:
DATE:
CHK1:
CHK2:
STEP LIGHT: 743-615-00-50
OF 2
± NA
± NA
1:2
04.02.08
31.03.11
3
016/11
RE
02.03.11
58/08
NJK
10.05.08
2
FORMAT - A3
ISO 9001:2001
• UK manufacturing to
• Low maintenance
• Low power consumption
light engine.
• Industry leading efficacy from
NJK
Benefits
Applications
Rail
Architectural
Residential
Commercial
Retail
4
WAVY WASHER
STEP LIGHT AND DRIVER IS AVAILABLE ON REQUEST.
EXTENSION CABLE TO INCREASE DISTANCE BETWEEN
GASKET
46
100
49
10
10
150
10
100
39
MARL IDENT LABEL
CURRENT DRIVER
NUT
350mA CONSTANT
RECEPTACLE CONNECTOR
OF STEP LIGHT
PLUG CONNECTOR
OF DRIVER
RECEPTACLE CONNECTOR
OF DRIVER
HOLE CUT-OUT
DETAIL 1:2
WIRE POLARITY
WIRE POLARITY
29
BEZEL
RW
NJO
12/05/11
Part Number
Optic
LED Colour
LED reference number
743-615-00-50
Medium
Daylight White
CL-251-C6N1-C


Similar Part No. - 743-615-00-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
743 ETC2-743 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
743 ETC2-743 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
743 ETC2-743 Datasheet
452Kb / 2P
   Phillips Bits
logo
STMicroelectronics
7430 STMICROELECTRONICS-7430 Datasheet
168Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
September 1999
logo
Holtek Semiconductor In...
7430 HOLTEK-7430 Datasheet
90Kb / 7P
   Negative Voltage Regulator
More results

Similar Description - 743-615-00-50

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDRA70XD5-XQ BANNER-LEDRA70XD5-XQ Datasheet
302Kb / 4P
   High-Intensity Area Light
logo
Visual Communications C...
VAOLS-1SB1103 VCC-VAOLS-1SB1103 Datasheet
776Kb / 4P
   High Intensity LED Light Pipe
logo
Banner Engineering Corp...
LEDRR70XD5-XQ BANNER-LEDRR70XD5-XQ Datasheet
349Kb / 4P
   LED High-Intensity Ring Light
LEDWS50L5-XQ BANNER-LEDWS50L5-XQ Datasheet
430Kb / 6P
   LED..S50L.. High-Intensity Spot Light
WL50S BANNER-WL50S_V02 Datasheet
287Kb / 5P
   WL50S High-Intensity Work Spot Light
logo
Testo SE & Co. KGaA
TESTO540 TESTO-TESTO540 Datasheet
1Mb / 2P
   Light intensity measuring instrument
logo
Banner Engineering Corp...
LEDRRV70XD5-XM BANNER-LEDRRV70XD5-XM Datasheet
180Kb / 3P
   VE Series LED High-Intensity Ring Light
WL50S BANNER-WL50S_V01 Datasheet
309Kb / 5P
   WL50S High-Intensity Spot Light - PWM Dimmable
WL50S BANNER-WL50S_V03 Datasheet
409Kb / 4P
   WL50S Stainless Steel High-Intensity Work Spot Light
logo
Lite-On Technology Corp...
LTL-5233 LITEON-LTL-5233 Datasheet
198Kb / 4P
   High intensity light source with two lenses effects
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com