Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5399YRMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD5399YRMZ
Description  Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5399YRMZ Datasheet(HTML) 5 Page - Analog Devices

  AD5399YRMZ Datasheet HTML 1Page - Analog Devices AD5399YRMZ Datasheet HTML 2Page - Analog Devices AD5399YRMZ Datasheet HTML 3Page - Analog Devices AD5399YRMZ Datasheet HTML 4Page - Analog Devices AD5399YRMZ Datasheet HTML 5Page - Analog Devices AD5399YRMZ Datasheet HTML 6Page - Analog Devices AD5399YRMZ Datasheet HTML 7Page - Analog Devices AD5399YRMZ Datasheet HTML 8Page - Analog Devices AD5399YRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD5399
Rev. D | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD5399
TOP VIEW
(Not to Scale)
CLK
1
SDI
2
DGND
3
VOUTB 4
VOUTA 5
CS
VTP
VDD
AGND
VBZ
10
9
8
7
6
Figure 3. MSOP-10 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK
Serial Clock Input. Positive edge triggered.
2
SDI
Serial Data Input. MSB first format.
3
DGND
Digital Ground.
4
VOUTB
DAC B Voltage Output (A0 = Logic 1).
5
VOUTA
DAC A Voltage Output (A0 = Logic 0).
6
VBZ
2 V, Virtual Bipolar Zero (Active Output).
7
AGND
Analog Ground.
8
VDD
Positive Power Supply. Specified for operation at 5 V.
9
VTP
Connect to VDD. Reserved for factory testing.
10
CS
Chip Select (Frame Sync Input). Allows clock and data to shift into the shift register when CS goes from high to low.
After the 16th clock pulse, it is not necessary to bring CS high to shift the data to the output. However, CS should be
brought high any time after the 16th clock positive edge in order to allow the next programming cycle.
Table 5. Serial Data-Word Format
ADDR
DATA
B15
B14
B13
B12
B11
B10
B3
B2
B1
B0
A0
X
SD
0
D11
D10
D3
D2
D1
D0
MSB
LSB
A0
Address Bit. Logic low selects DAC A and logic high selects DAC B.
Both channels are shut down when the SD bit is high. However, the A0 bit must be at the same state for shutdown
activation and deactivation. See the Shutdown Function section.
X
Don’t Care.
SD
Shutdown Bit. Logic high puts both DAC outputs and VBZ into high impedance. A0 bit must be at the same state for
shutdown activation and deactivation.
0
B12 must be 0.
D0–D11
Data Bits.


Similar Part No. - AD5399YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5399YRM AD-AD5399YRM Datasheet
336Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5399YRM-REEL7 AD-AD5399YRM-REEL7 Datasheet
336Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
More results

Similar Description - AD5399YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5399 AD-AD5399 Datasheet
336Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5329 AD-AD5329_15 Datasheet
125Kb / 4P
   Twos Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
logo
National Semiconductor ...
DM93S43 NSC-DM93S43 Datasheet
108Kb / 4P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
List of Unclassifed Man...
93S43 ETC1-93S43 Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
Texas Instruments
SN54LS384 TI-SN54LS384 Datasheet
239Kb / 6P
[Old version datasheet]   8-BIT BY 1-BIT TWOS-COMPLEMENT MULTIPLIERS
logo
Wolfson Microelectronic...
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
logo
Texas Instruments
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
[Old version datasheet]   DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
logo
Linear Technology
LTC1821 LINER-LTC1821 Datasheet
220Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
logo
Analog Devices
AD5329 AD-AD5329 Datasheet
124Kb / 4P
   Two?셲 Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com