Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M052ZBN Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # M052ZBN
Description  32-BIT MICROCONTROLLER
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M052ZBN Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button M052ZBN Datasheet HTML 5Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 6Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 7Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 8Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 9Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 10Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 11Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 12Page - List of Unclassifed Manufacturers M052ZBN Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
NuMicro
M052/M054BN Data Sheet
Publication Release Date: Mar. 19, 2012
- 9 -
Revision V1.01
Optional flow control function (CTS and RTS)
Supports IrDA(SIR) function
Supports RS485 function
Supports LIN function
SPI
Up to two sets of SPI device.
Supports master/slave mode
Full duplex synchronous serial data transfer
Provide 3 wire function
Variable length of transfer data from 1 to 32 bits
MSB or LSB first data transfer
Rx latching data can be either at rising edge or at falling edge of serial clock
Tx sending data can be either at rising edge or at falling edge of serial clock
Supports Byte suspend mode in 32-bit transmission
I
2C
Supports master/slave mode
Bidirectional data transfer between masters and slaves
Multi-master bus (no central master).
Arbitration between simultaneously transmitting masters without corruption of serial data
on the bus
Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
Programmable clocks allow versatile rate control.
Supports multiple address recognition (four slave address with mask option)
ADC
12-bit SAR ADC with 760k SPS


Similar Part No. - M052ZBN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M052ZBN NUVOTON-M052ZBN Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
More results

Similar Description - M052ZBN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com