Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIM-5510-WV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIM-5510-WV
Description  Embedded Mainboard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIM-5510-WV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIM-5510-WV Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +886-2-8227-3585
E-mail: sales@technexion.com
Web:
http://www.technexion.com
TIM-5510
Embedded
Mainboard
Intel Atom D510 embedded board with
SO-DIMM DDR2 and 12 VDC power input.
Various storage possibilities ranging from
CF card, IDE, SATA to onboard NAND Flash.
Integrated multicardreader that reads
SD, XD, MMC, MS and all their variants.
Four serial ports, 8 GPIO’s and 8 USB
to connect and control external devices.
System
CPU
Fanless Intel Atom D510 dualcore
@ 1.66 GHz (
A)
Memory
1x DDR2 SO-DIMM Max. 2GB(
28)
Chipset
ICH8M (
B)
Graphic interfaces
VGA by pinheader (
26)
single channel LVDS upto 18bit(
24)
Touchpanel
5 wire resistive touchcontroller (
6)
Audio Chipset
Realtek ALC888
7.1 audio, S/PDIF, microphone(
10)
2 W amplified speaker L/R(
13,14)
BIOS
Insyde BIOS
Supported OS
Linux 2.6.x, Windows XP/Vista/7
Communication Interfaces
By connector
DC-in (
23), Marvell Gigabit RJ-45
(2x)(
21), USB 2.0 (4x)(19),
RS-232 (
16), multicard reader (15)
By pinheader
LPT (
8), digital IO (8x)(7), USB 2.0
(4x)(
20), RS-232 (2x)(17),
RS-232/422/485(switch select)(
18)
Expansion and Storage
Multi Cardreader
SD, MMC, XD, MS cards (
15)
Expansion slots
mini-PCIe (
5)
On board
3x SATA(
3), IDE 44 pin interface(4)
Power
Input power
12VDC or wide voltage(8~30VDC)
Environmental and Mechanical
Temperature
0° to 60° C
Humidity
10-90%
Dimensions
210 x 148 mm (DIN A5)
Weight
550 grams
Dimensions
units in mm
Order Information
TIM-5510-SV
standard voltage (12VDC)
TIM-5510-WV
wide voltage (8~30VDC)
Options
On board storage
1GB NAND Flash (
D)
Expansion slots
CF card slot/ mini-PCI (
bottom)
Input power
wide voltage (8~30VDC)
2
12
13
15
17
7
16
8
10
1
2
3
4
24
18
19
20
27
23
6
21
14
5
3
9
21
20
19
26
3
17
28
B
A
D
210
200
M3


Similar Part No. - TIM-5510-WV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIM-5780 ETC2-TIM-5780 Datasheet
1Mb / 1P
   Embedded Mainboard
TIM-5780-A15 ETC2-TIM-5780-A15 Datasheet
1Mb / 1P
   Embedded Mainboard
More results

Similar Description - TIM-5510-WV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIM-3525 ETC2-TIM-3525 Datasheet
1Mb / 1P
   Embedded Mainboard
TIM-5780 ETC2-TIM-5780 Datasheet
1Mb / 1P
   Embedded Mainboard
logo
Fujitsu Component Limit...
D1520 FUJITSU-D1520 Datasheet
211Kb / 2P
   Mainboard D1520
logo
List of Unclassifed Man...
X9QR7-TF ETC1-X9QR7-TF Datasheet
12Mb / 113P
   Supermicro Mainboard
X9DR3-F ETC1-X9DR3-F Datasheet
10Mb / 111P
   Supermicro Mainboard
X9SPU-F ETC1-X9SPU-F Datasheet
7Mb / 107P
   Supermicro Mainboard
X9DR7-TF ETC1-X9DR7-TF Datasheet
13Mb / 117P
   Supermicro Mainboard
X9SCI-LN4 ETC1-X9SCI-LN4 Datasheet
10Mb / 107P
   Supermicro Mainboard
X9DRW-3F ETC1-X9DRW-3F Datasheet
7Mb / 107P
   Supermicro Mainboard
X9DRL-3F ETC1-X9DRL-3F Datasheet
8Mb / 105P
   Supermicro Mainboard
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com