Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCN5829 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # UCN5829
Description  9-BIT SERIAL-INPUT, LATCHED SINK DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UCN5829 Datasheet(HTML) 4 Page - Allegro MicroSystems

  UCN5829 Datasheet HTML 1Page - Allegro MicroSystems UCN5829 Datasheet HTML 2Page - Allegro MicroSystems UCN5829 Datasheet HTML 3Page - Allegro MicroSystems UCN5829 Datasheet HTML 4Page - Allegro MicroSystems UCN5829 Datasheet HTML 5Page - Allegro MicroSystems UCN5829 Datasheet HTML 6Page - Allegro MicroSystems UCN5829 Datasheet HTML 7Page - Allegro MicroSystems UCN5829 Datasheet HTML 8Page - Allegro MicroSystems UCN5829 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
5829
9-BIT SERIAL-INPUT,
LATCHED SINK DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Chopping Characteristics (TJ = +25°C to +150°C) with Fast Clamp Diodes
Enable Timeout
tEN
REN = 20 kΩ, CEN = 0.01 µF
190
200
210
µs
Chopping Frequency
fch
RC = 20 kΩ, CC = 250 pF
90
100
110
kHz
Duty Cycle Range
dc
ton / ton + toff
15
< 50
%
Chop Current Level
ITRIP
VREF = 2.0 V, fch < 100 kHz
0.9
1.0
1.1
A
VREF = 2.8 V, fch < 100 kHz
1.26
1.4
1.54
A
Output Current Control Range
VREF
1.0
3.2
V
ITRIP
0.5
1.6
A
Delay
td
ITRIP to IOUT(P), TA = +25°C
300
500
ns
Chop Inhibit Voltage Range
VREF
4.5
VDD + 0.3
V
Negative current is defined as coming out of (sourcing) the specified device terminal.
ELECTRICAL CHARACTERISTICS at TA = +25°C, VDD = 5 V,
in Test Circuit/Typical Application (unless otherwise noted).
Limits
EXTERNAL HIGH-SIDE DRIVERS
CHARGE-PUMP CIRCUITRY
FOR SINGLE-SUPPLY OPERATION
PMOS
NMOS
V
+ 10 V
BB
VBB
Dwg. EP-027
VBB
Dwg. EP-028
VBB
10 V
0.022
µF
Dwg. EP-026


Similar Part No. - UCN5829

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCN5821 ALLEGRO-UCN5821 Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
UCN5821A ALLEGRO-UCN5821A Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
UCN5821A ALLEGRO-UCN5821A Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
UCN5821A ALLEGRO-UCN5821A Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
UCN5821LW ALLEGRO-UCN5821LW Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
More results

Similar Description - UCN5829

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC58P42 MICREL-MIC58P42_11 Datasheet
90Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
MIC5891 MICREL-MIC5891 Datasheet
55Kb / 4P
   8-Bit Serial-Input Latched Source Driver
MIC59P60 MICREL-MIC59P60 Datasheet
102Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
logo
Allegro MicroSystems
A6810SLWTR-T ALLEGRO-A6810SLWTR-T Datasheet
337Kb / 9P
   10-Bit Serial Input Latched Source Driver
logo
Micrel Semiconductor
MIC59P60 MICREL-MIC59P60_15 Datasheet
955Kb / 15P
   8-Bit Serial-Input Protected Latched Driver
MIC58P42 MICREL-MIC58P42 Datasheet
87Kb / 5P
   8-Bit Serial-Input Protected Latched Driver
logo
Microchip Technology
MIC5891 MICROCHIP-MIC5891 Datasheet
262Kb / 18P
   8-Bit Serial-Input Latched Source Driver
06/23/16
logo
Micrel Semiconductor
MIC59P60 MICREL-MIC59P60_11 Datasheet
108Kb / 12P
   8-Bit Serial-Input Protected Latched Driver
logo
Allegro MicroSystems
A6810ELW-T ALLEGRO-A6810ELW-T Datasheet
337Kb / 9P
   10-Bit Serial Input Latched Source Driver
A6810SLW-T ALLEGRO-A6810SLW-T Datasheet
337Kb / 9P
   10-Bit Serial Input Latched Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com