Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

5832 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. 5832
Description  BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

5832 Datasheet(HTML) 5 Page - Allegro MicroSystems

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5832
BiMOS II 32-BIT
SERIAL-INPUT,
LATCHED DRIVERS
UCN5832A
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
NOTES:
1. Lead thickness is measured at seating plane or below.
2. Lead spacing tolerance is non-cumulative.
3. Exact body and lead configuration at vendor’s option within limits shown.
40
0.580
0.485
12
3
0.250
MAX
0.070
0.030
0.015
MIN
0.022
0.014
0.015
0.008
0.600
BSC
Dwg. MA-003-40 in
20
0.100
BSC
0.005
MIN
0.200
0.115
4
0.700
MAX
21
2.095
1.980
40
14.73
12.32
12
3
6.35
MAX
1.77
0.77
0.39
MIN
0.558
0.356
0.381
0.204
15.24
BSC
Dwg. MA-003-40 mm
20
2.54
BSC
0.13
MIN
5.08
2.93
4
17.78
MAX
21
53.2
50.3


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn