Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62152-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62152-Q1
Description  3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62152-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62152-Q1 Datasheet HTML 7Page - Texas Instruments TPS62152-Q1 Datasheet HTML 8Page - Texas Instruments TPS62152-Q1 Datasheet HTML 9Page - Texas Instruments TPS62152-Q1 Datasheet HTML 10Page - Texas Instruments TPS62152-Q1 Datasheet HTML 11Page - Texas Instruments TPS62152-Q1 Datasheet HTML 12Page - Texas Instruments TPS62152-Q1 Datasheet HTML 13Page - Texas Instruments TPS62152-Q1 Datasheet HTML 14Page - Texas Instruments TPS62152-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
VIN=5V
VIN=12V
VIN=17V
Frequency (Hz)
VOUT=3.3V, IOUT=1A
L=2.2uH (XFL4020)
Cin=10uF, Cout=22uF
G000
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
VIN=5V
VIN=12V
VIN=17V
Frequency (Hz)
VOUT=3.3V, IOUT=0.1A
L=2.2uH (XFL4020)
Cin=10uF, Cout=22uF
G000
0
0.01
0.02
0.03
0.04
0.05
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V,
L=2.2uH (XFL4020)
Cout=22uF
G000
0
0.5
1
1.5
2
2.5
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
−40°C
25°C
85°C
Input Voltage (V)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G000
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
180.0
200.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
G001
0.0
20.0
40.0
60.0
80.0
100.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0 20.0
−40°C
−10°C
25°C
85°C
125°C
Input Voltage (V)
G001
TPS62152-Q1
www.ti.com
SLVSC52A – JULY 2013 – REVISED JULY 2013
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
STATIC DRAIN-SOURCE-RESISTANCE (RDSon)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 23. High-Side Switch Resistance
Figure 24. Low-Side Switch Resistance
OUTPUT VOLTAGE
OUTPUT CURRENT
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 25. Output Voltage Ripple
Figure 26. Maximum Output Current
POWER SUPPLY REJECTION RATIO
POWER SUPPLY REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 27. Power Supply Rejection Ratio, fSW = 2.5 MHz
Figure 28. Power Supply Rejection Ratio, fSW = 2.5 MHz
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62152-Q1


Similar Part No. - TPS62152-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   Automotive Wide Input, Fixed 3V Output Voltage, 1A Step-Down Converter
More results

Similar Description - TPS62152-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_13 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com