Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC083000CIYB Datasheet(PDF) 10 Page - Texas Instruments

Part # ADC083000CIYB
Description  ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC083000CIYB Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC083000CIYB Datasheet HTML 6Page - Texas Instruments ADC083000CIYB Datasheet HTML 7Page - Texas Instruments ADC083000CIYB Datasheet HTML 8Page - Texas Instruments ADC083000CIYB Datasheet HTML 9Page - Texas Instruments ADC083000CIYB Datasheet HTML 10Page - Texas Instruments ADC083000CIYB Datasheet HTML 11Page - Texas Instruments ADC083000CIYB Datasheet HTML 12Page - Texas Instruments ADC083000CIYB Datasheet HTML 13Page - Texas Instruments ADC083000CIYB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ADC083000
SNAS358N – JUNE 2006 – REVISED JULY 2009
www.ti.com
CONVERTER ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply after calibration for VA = VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
820mVP-P, CL = 10 pF, Differential a.c. coupled Sinewave Input Clock, fCLK = 1.5GHz at 0.5VP-P with 50% duty cycle, VBG =
Floating, Non-Extended Control Mode, SDR Mode, REXT = 3300Ω ±0.1%, Analog Signal Source Impedance = 100Ω
Differential, after calibration. Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted.
(1)(2)
Units
Symbol
Parameter
Conditions
Typical(3)
Limits (3)
(Limits)
fIN = 373 MHz, VIN = FSR −
45.1
42.4
dB (min)
0.5 dB
fIN = 748 MHz, VIN = FSR −
SINAD
Signal-to-Noise Plus Distortion Ratio
43.9
41.2
dB (min)
0.5 dB
fIN = 1498 MHz, VIN = FSR −
41.1
dB
0.5 dB
fIN = 373 MHz, VIN = FSR −
45.4
43.5
dB (min)
0.5 dB
fIN = 748 MHz, VIN = FSR −
SNR
Signal-to-Noise Ratio
44.2
42.2
dB (min)
0.5 dB
fIN = 1498 MHz, VIN = FSR −
41.8
dB
0.5 dB
fIN = 373 MHz, VIN = FSR −
-57
-49
dB (max)
0.5 dB
fIN = 748 MHz, VIN = FSR −
THD
Total Harmonic Distortion
-56
-48
dB (max)
0.5 dB
fIN = 1498 MHz, VIN = FSR −
-49.5
dB
0.5 dB
fIN = 373 MHz, VIN = FSR −
−68
dB
0.5 dB
fIN = 748 MHz, VIN = FSR −
2nd Harm
Second Harmonic Distortion
−66
dB
0.5 dB
fIN = 1498 MHz, VIN = FSR −
−56
dB
0.5 dB
fIN = 373 MHz, VIN = FSR −
−64
dB
0.5 dB
fIN = 748 MHz, VIN = FSR −
3rd Harm
Third Harmonic Distortion
−58
dB
0.5 dB
fIN = 1498 MHz, VIN = FSR −
−52
dB
0.5 dB
fIN = 373 MHz, VIN = FSR −
57
49
dB (min)
0.5 dB
fIN = 748 MHz, VIN = FSR −
SFDR
Spurious-Free dynamic Range
54.5
48
dB (min)
0.5 dB
fIN = 1498 MHz, VIN = FSR −
52.0
dB
0.5 dB
fIN1 = 749.084 MHz, VIN =
FSR
− 7 dB
IMD
Intermodulation Distortion
-52
dBFS
fIN2 = 756.042 MHz, VIN =
FSR
− 7 dB
ANALOG INPUT AND REFERENCE CHARACTERISTICS
mVP-P
550
(min)
FSR pin 14 Low
600
mVP-P
650
(max)
VIN
Full Scale Analog Differential Input Range
mVP-P
770
(min)
FSR pin 14 High
820
mVP-P
870
(max)
10
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: ADC083000


Similar Part No. - ADC083000CIYB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC083000CIYB NSC-ADC083000CIYB Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYB NSC-ADC083000CIYB Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
Texas Instruments
ADC083000CIYB TI-ADC083000CIYB Datasheet
960Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYB/NOPB TI1-ADC083000CIYB/NOPB Datasheet
962Kb / 49P
[Old version datasheet]   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000CIYBNOPB TI-ADC083000CIYBNOPB Datasheet
960Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
More results

Similar Description - ADC083000CIYB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC083000CIYBNOPB TI-ADC083000CIYBNOPB Datasheet
960Kb / 48P
[Old version datasheet]   ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
logo
Texas Instruments
ADC083000 TI1-ADC083000_15 Datasheet
962Kb / 49P
[Old version datasheet]   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com