Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3-2412SF-E Datasheet(PDF) 10 Page - TDK Electronics

Part # CC3-2412SF-E
Description  Insulation type DC-DC converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC3-2412SF-E Datasheet(HTML) 10 Page - TDK Electronics

Back Button CC3-2412SF-E Datasheet HTML 6Page - TDK Electronics CC3-2412SF-E Datasheet HTML 7Page - TDK Electronics CC3-2412SF-E Datasheet HTML 8Page - TDK Electronics CC3-2412SF-E Datasheet HTML 9Page - TDK Electronics CC3-2412SF-E Datasheet HTML 10Page - TDK Electronics CC3-2412SF-E Datasheet HTML 11Page - TDK Electronics CC3-2412SF-E Datasheet HTML 12Page - TDK Electronics CC3-2412SF-E Datasheet HTML 13Page - TDK Electronics CC3-2412SF-E Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
・All specifications are subject to change without notice.
0
Outline Drawing
CC3-xxxxxS-E(SIPtype)
CC3-E(SIP)
E
-
S
D
x
x
x
x
-
3
C
C
E
-
S
S
x
x
x
x
-
3
C
C
2.47
P P P P
2P
P P P P
6
4
17.78
5.01
2.47
22.86
1(t=0.3)
a
P=2.54
9.2
27.8
a
1 2 3 4 5
7 8 9 10
SMD mounting space
17.78
2.47
22.86
2.47
27.8
P P P P
2P
P=2.54
P P P
9-ø0.8 (land diameter ø2.0)
2-ø1.5 (land diameter ø2.5)
Unit: mm
Allowable tolerance is ±0.5 if not specified separately.
Recommended measurements for mounting board
1
2
3
4 5
7
8
9 10
Terminal connections
No.1 +Vout
No.2 NC
No.3 NC
No.4 –Vout
No.5 TRM
No.6 NC
No.7 RC
No.8 –Vin
No.9 +Vin
No.10 +Vin
1
2
3
4 5
7
8
9 10
Terminal connections
No.1 +Vout
No.2 COM
No.3 COM
No.4 –Vout
No.5 TRM
No.6 NC
No.7 RC
No.8 –Vin
No.9 +Vin
No.10 +Vin
Shape/Dimensions
Connection diagram
Load
Load Load
a
b
Ambient temperature (°C)
a:0.5m/s(100LFM)
b:1m/s(200LFM)
Natural air cooling
-40 -20  0  20  40 60 80 100
100
80
60
40
20
0
Output power derating by ambient temperature
(common specification)
Derating Curve


Similar Part No. - CC3-2412SF-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC3-2412SF-E TDK-CC3-2412SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC3-2412SF-E TDK-CC3-2412SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC3-2412SF-E TDK-CC3-2412SF-E Datasheet
192Kb / 2P
   DC-DC Converters
More results

Similar Description - CC3-2412SF-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC3-2405SR-E TDK-CC3-2405SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC101205SRE TDK-CC101205SRE Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC10-1205SR-E TDK-CC10-1205SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CE-3101 TDK-CE-3101 Datasheet
30Kb / 2P
   Non-insulation, 8-pin SMD type, 1.2W output DC-DC Converter
logo
Minmax Technology Co., ...
MSHU100 MINMAX-MSHU100 Datasheet
266Kb / 4P
   DC/DC CONVERTER 2W, Reinforced Insulation, Medical Safety
MIHW2000 MINMAX-MIHW2000_11 Datasheet
289Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MKW10M MINMAX-MKW10M Datasheet
329Kb / 4P
   DC/DC CONVERTER 10W, Reinforced Insulation, Medical Safety
MIDR03M MINMAX-MIDR03M Datasheet
311Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MIHW1000 MINMAX-MIHW1000_11 Datasheet
263Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MIHW3000 MINMAX-MIHW3000_11 Datasheet
654Kb / 4P
   DC/DC CONVERTER 6W, Reinforced Insulation, Medical Safety
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com