Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5293BRUZ-100 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5293BRUZ-100
Description  Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5293BRUZ-100 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5293BRUZ-100 Datasheet HTML 8Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 9Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 10Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 11Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 12Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 13Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 14Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 15Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5293
Rev. D | Page 12 of 24
0.15
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+105°C
RAB = 20kΩ
Figure 12. R-DNL in Normal Mode vs. Code vs. Temperature
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+105°C
RAB = 20kΩ
Figure 13. INL in R-Perf Mode vs. Code vs. Temperature
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.2
–0.1
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+105°C
RAB = 20kΩ
Figure 14. DNL in R-Perf Mode vs. Code vs. Temperature
0.15
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
20kΩ
50kΩ
100kΩ
TEMPERATURE = 25°C
Figure 15. R-DNL in Normal Mode vs. Code vs. Nominal Resistance
0.8
–0.8
–0.6
–0.2
0
0.2
0.6
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
20kΩ
50kΩ
100kΩ
TEMPERATURE = 25°C
Figure 16. INL in R-Perf Mode vs. Code vs. Nominal Resistance
0.6
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
20kΩ
50kΩ
100kΩ
TEMPERATURE = 25°C
Figure 17. DNL in R-Perf Mode vs. Code vs. Nominal Resistance


Similar Part No. - AD5293BRUZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293BRUZ-100-RL7 AD-AD5293BRUZ-100-RL7 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
More results

Similar Description - AD5293BRUZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293 AD-AD5293 Datasheet
686Kb / 20P
   Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
REV. 0
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com