Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1000 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1000
Description  ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1000 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADC12D1000 Datasheet HTML 18Page - Texas Instruments ADC12D1000 Datasheet HTML 19Page - Texas Instruments ADC12D1000 Datasheet HTML 20Page - Texas Instruments ADC12D1000 Datasheet HTML 21Page - Texas Instruments ADC12D1000 Datasheet HTML 22Page - Texas Instruments ADC12D1000 Datasheet HTML 23Page - Texas Instruments ADC12D1000 Datasheet HTML 24Page - Texas Instruments ADC12D1000 Datasheet HTML 25Page - Texas Instruments ADC12D1000 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
CIN, DIFF
CIN, PIN-TO-GND
CIN, PIN-TO-GND
VIN+
VIN-
ADC12D1000, ADC12D1600
SNAS480M – MAY 2010 – REVISED MARCH 2013
www.ti.com
Figure 4.
Specification Definitions
APERTURE (SAMPLING) DELAY is the amount of delay, measured from the sampling edge of the CLK input,
after which the signal present at the input pin is sampled inside the device.
APERTURE JITTER (tAJ) is the variation in aperture delay from sample-to-sample. Aperture jitter can be
effectively considered as noise at the input.
CODE ERROR RATE (CER) is the probability of error and is defined as the probable number of word errors on
the ADC output per unit of time divided by the number of words seen in that amount of time. A CER of 10-18
corresponds to a statistical error in one word about every 31.7 years for the ADC12D1000.
CLOCK DUTY CYCLE is the ratio of the time that the clock waveform is at a logic high to the total time of one
clock period.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB. It is measured at the relevant sample rate, fCLK, with fIN = 1MHz sine wave.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE BITS) is another method of specifying Signal-to-Noise
and Distortion Ratio, or SINAD. ENOB is defined as (SINAD
− 1.76) / 6.02 and states that the converter is
equivalent to a perfect ADC of this many (ENOB) number of bits.
FULL POWER BANDWIDTH (FPBW) is a measure of the frequency at which the reconstructed output
fundamental drops to 3 dB below its low frequency value for a full-scale input.
GAIN ERROR is the deviation from the ideal slope of the transfer function. It can be calculated from Offset and
Full-Scale Errors. The Positive Gain Error is the Offset Error minus the Positive Full-Scale Error. The Negative
Gain Error is the Negative Full-Scale Error minus the Offset Error. The Gain Error is the Negative Full-Scale
Error minus the Positive Full-Scale Error; it is also equal to the Positive Gain Error plus the Negative Gain Error.
INTEGRAL NON-LINEARITY (INL) is a measure of worst case deviation of the ADC transfer function from an
ideal straight line drawn through the ADC transfer function. The deviation of any given code from this straight line
is measured from the center of that code value step. The best fit method is used.
INTERMODULATION DISTORTION (IMD) is a measure of the near-in 3rd order distortion products (2f2 - f1, 2f1 -
f2) which occur when two tones which are close in frequency (f1, f2) are applied to the ADC input. It is measured
from the input tones level to the higher of the two distortion products (dBc) or simply the level of the higher of the
two distortion products (dBFS). The input tones are typically -7dBFS.
LSB (LEAST SIGNIFICANT BIT) is the bit that has the smallest value or weight of all bits. This value is
VFS / 2
N
(1)
where VFS is the differential full-scale amplitude VIN_FSR as set by the FSR input and "N" is the ADC resolution in
bits, which is 10 for the ADC12D1000/1600.
22
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: ADC12D1000 ADC12D1600


Similar Part No. - ADC12D1000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000 TI-ADC12D1000 Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1000/1600CIUT NSC-ADC12D1000/1600CIUT Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000/1600RB NSC-ADC12D1000/1600RB Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
ADC12D1000 TI1-ADC12D1000_15 Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com