Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1000 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1000
Description  ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1000 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC12D1000 Datasheet HTML 16Page - Texas Instruments ADC12D1000 Datasheet HTML 17Page - Texas Instruments ADC12D1000 Datasheet HTML 18Page - Texas Instruments ADC12D1000 Datasheet HTML 19Page - Texas Instruments ADC12D1000 Datasheet HTML 20Page - Texas Instruments ADC12D1000 Datasheet HTML 21Page - Texas Instruments ADC12D1000 Datasheet HTML 22Page - Texas Instruments ADC12D1000 Datasheet HTML 23Page - Texas Instruments ADC12D1000 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
ADC12D1000, ADC12D1600
SNAS480M – MAY 2010 – REVISED MARCH 2013
www.ti.com
AC Electrical Characteristics
ADC12D1000
ADC12D1600
Units
Symbol
Parameter
Conditions
(Limits)
Typ
Lim
Typ
Lim
Sampling Clock (CLK)
fCLK (max)
Maximum Sampling Clock
1.0
1.6
GHz
Frequency
fCLK (min)
Minimum Sampling Clock
Non-DES Mode; LFS = 0b
300
300
MHz
Frequency
Non-DES Mode; LFS = 1b
150
150
MHz
DES Mode
500
500
MHz
Sampling Clock Duty Cycle
fCLK(min) ≤ fCLK ≤ fCLK(max)
(1)
20
20
% (min)
50
50
80
80
% (max)
tCL
Sampling Clock Low Time
See(2)
500
200
312.5
125
ps (min)
tCH
Sampling Clock High Time
See(2)
500
200
312.5
125
ps (min)
Data Clock (DCLKI, DCLKQ)
DCLK Duty Cycle
See(2)
45
45
% (min)
50
50
55
55
% (max)
tSR
Setup Time DCLK_RST±
See(1)
45
45
ps
tHR
Hold Time DCLK_RST±
See(1)
45
45
ps
tPWR
Pulse Width DCLK_RST±
See(2)
Sampling
Clock
5
5
Cycles
(min)
tSYNC_DLY
DCLK Synchronization Delay
90° Mode(2)
4
4
Sampling
Clock
0° Mode(2)
5
5
Cycles
tLHT
Differential Low-to-High Transition
10%-to-90%, CL = 2.5 pF
200
200
ps
Time
tHLT
Differential High-to-Low Transition
10%-to-90%, CL = 2.5 pF
200
200
ps
Time
tSU
Data-to-DCLK Setup Time
90° Mode(2)
870
500
ps
tH
DCLK-to-Data Hold Time
90° Mode(2)
870
500
ps
tOSK
DCLK-to-Data Output Skew
50% of DCLK transition to 50% of
±50
±50
ps (max)
Data transition(2)
Data Input-to-Output
tAD
Aperture Delay
Sampling CLK+ Rise to
1.15
1.15
ns
Acquisition of Data
tAJ
Aperture Jitter
0.2
0.2
ps (rms)
tOD
Sampling Clock-to Data Output
50% of Sampling Clock transition
3.2
3.2
ns
Delay (in addition to Latency)
to 50% of Data transition
tLAT
Latency in 1:2 Demux Non-DES
DI, DQ Outputs
34
34
Mode(2)
DId, DQd Outputs
35
35
Latency in 1:4 Demux DES
DI Outputs
34
34
Mode(2)
DQ Outputs
34.5
34.5
Sampling
DId Outputs
35
35
Clock
DQd Outputs
35.5
35.5
Cycles
Latency in Non-Demux Non-DES
DI Outputs
34
34
Mode(2)
DQ Outputs
34
34
Latency in Non-Demux DES
DI Outputs
34
34
Mode(2)
DQ Outputs
34.5
34.5
tORR
Over Range Recovery Time
Differential VIN step from ±1.2V to
Sampling
0V to accurate conversion
1
1
Clock
Cycle
(1)
This parameter is specified by design and/or characterization and is not tested in production.
(2)
This parameter is specified by design and is not tested in production.
20
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: ADC12D1000 ADC12D1600


Similar Part No. - ADC12D1000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000 TI-ADC12D1000 Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1000/1600CIUT NSC-ADC12D1000/1600CIUT Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000/1600RB NSC-ADC12D1000/1600RB Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
ADC12D1000 TI1-ADC12D1000_15 Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com