Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-53816 Datasheet(PDF) 2 Page - Texas Instruments

Part # PE-53816
Description  LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PE-53816 Datasheet(HTML) 2 Page - Texas Instruments

  PE-53816 Datasheet HTML 1Page - Texas Instruments PE-53816 Datasheet HTML 2Page - Texas Instruments PE-53816 Datasheet HTML 3Page - Texas Instruments PE-53816 Datasheet HTML 4Page - Texas Instruments PE-53816 Datasheet HTML 5Page - Texas Instruments PE-53816 Datasheet HTML 6Page - Texas Instruments PE-53816 Datasheet HTML 7Page - Texas Instruments PE-53816 Datasheet HTML 8Page - Texas Instruments PE-53816 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
LM2595
SNVS122B – MAY 1999 – REVISED APRIL 2013
www.ti.com
Figure 1. Bent and Staggered Leads, Through
Hole Package
5–Lead TO-220 (NDH)
Figure 3. 16-Lead Ceramic Dual-in-Line Package
(NFE)
Figure 2. Surface Mount Package
5-Lead TO-263 (KTT)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Maximum Supply Voltage
45V
ON /OFF Pin Input Voltage
−0.3 ≤ V ≤ +25V
Feedback Pin Voltage
−0.3 ≤ V ≤ +25V
Output Voltage to Ground
(Steady State)
−1V
Power Dissipation
Internally limited
Storage Temperature Range
−65°C to +150°C
ESD Susceptibility
Human Body Model (3)
2 kV
Lead Temperature
KTT Package
Vapor Phase (60 sec.)
+215°C
Infrared (10 sec.)
+245°C
NDH Package (Soldering, 10 sec.)
+260°C
Maximum Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin.
Operating Conditions
Temperature Range
−40°C ≤ TJ ≤ +125°C
Supply Voltage
4.5V to 40V
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2595


Similar Part No. - PE-53816

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53816 PULSE-PE-53816 Datasheet
120Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53816NL PULSE-PE-53816NL Datasheet
97Kb / 2P
   Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53816NL PULSE-PE-53816NL Datasheet
97Kb / 2P
   Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0
PE-53816NL PULSE-PE-53816NL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53816NL PULSE-PE-53816NL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
More results

Similar Description - PE-53816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com