Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1R5-0503SR-E Datasheet(PDF) 6 Page - TDK Electronics

Part # CC1R5-0503SR-E
Description  Insulation type DC-DC converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC1R5-0503SR-E Datasheet(HTML) 6 Page - TDK Electronics

Back Button CC1R5-0503SR-E Datasheet HTML 2Page - TDK Electronics CC1R5-0503SR-E Datasheet HTML 3Page - TDK Electronics CC1R5-0503SR-E Datasheet HTML 4Page - TDK Electronics CC1R5-0503SR-E Datasheet HTML 5Page - TDK Electronics CC1R5-0503SR-E Datasheet HTML 6Page - TDK Electronics CC1R5-0503SR-E Datasheet HTML 7Page - TDK Electronics CC1R5-0503SR-E Datasheet HTML 8Page - TDK Electronics CC1R5-0503SR-E Datasheet HTML 9Page - TDK Electronics CC1R5-0503SR-E Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
・All specifications are subject to change without notice.

MODEL
ITEMS/UNITS
CC3-2403Sx-E
CC3-2405Sx-E
CC3-2412Sx-E
CC3-2412Dx-E
Input
Nominal Voltage
V
DC24
Voltage Range
V
DC18-36
Efficiency (typ)
(*1)
73
78
82
81
Current (typ)
(*1)
A
0.151
0.160
0.152
0.154
Output
Nominal Voltage
VDC
3.3
5
12
15
± 12
± 15
Maximum Current
A
0.800
0.600
0.250
0.200
0.125
0.100
Maximum Power
(*2)
W
2.64
3
Maximum Line Regulation(Within input voltage range)
mV
20
40
80
Maximum Load Regulation (0-100% load) (*3) mV
40
100
600
Temperature Coefficient
(Ambient temperature -40℃ to +50℃ )
80mV
200mV
300mV
Max Power Total Regulation (max)(*4)
± 3
± 5
Maximum Ripple & Noise (typ/max)
(*5) mVp-p
40/120
30/120
Voltage Adjustable Range
VDC
3.15-3.6
4.75-6.0
11.4-15.0
± 11.4- ± 15.0
Function
Over Current Protection
(*6)
Available
Over Voltage Protection
Not available
Remote ON/OFF Control
Available
Environment
Operating Temperature
-40 to +85
Storage Temperature
-40 to +85
Operating Humidity
% RH
5-95 (the conditions of maximum 38°
C in wet bulb temperature and non-condensation should be ensured.)
Storage Humidity
% RH
5-95 (the conditions of maximum 38°
C in wet bulb temperature and non-condensation should be ensured.)
Vibration
10-55Hz, 15 minutes sweep and 1.52mm total amplitude, X/Y/Z 3 directions, 2h for each
Shock
980m/s² (100G), 6ms, 6 directions, 3 times for each, in non-operation
Isolation
Withstand Voltage
Between input terminal and case, between input terminal and output terminal, and between output terminal and case: 500VAC (for 1 minute)
Isolation Resistance
Between input terminal and case, between input terminal and output terminal, and between output terminal and case: 500VDC, 50MΩ min
Standards Safety Standards
UL60950-1, CSA C22.2 No.60950-1 (C-UL), EN60950-1 (NEMKO)
Mechanical
Weight (typ)
g
4.5
Size (W x H x D)
mm
DIP: 22.86 x 8.5 x 16.6 / SMD: 22.86 x 8.8 x 16.6
Note: "x" in model names is to be replaced by a symbol which represents the terminal configuration (F: DIP/R: SMD) for actual model names.
Note: With nominal input/output voltage, maximum output current, and Ta=25°
C, if not specified separately.
Note: For 12V/ ± 12V models, output power can be set to 15V/ ± 15V by connecting the output adjustment terminal TRM to -Vout.
Note: For ± 12V model, output voltage can be set to 24V or 30V single output by making the COM terminal open.
(*1) With nominal input voltage, maximum output current, and Ta=25°
C.
(*2) The maximum output power value is between -40°
C and +50°
C. For use in outside this temperature range, derating is needed.
(*3) In balanced load for dual outputs ( "balanced load" means a condition where the +output and -output of load current are equal).
(*4) Output voltage includes input change, load change (balanced load), and temperature change.
(*5) In 50MHz, Ta=25°
C.
(*6) Output current restriction method. Automatically resumes when the causes are removed. Never operate the unit under output-shorted or overload conditions for over 30
seconds.
MODEL
ITEMS/UNITS
CC3-4803Sx-E
CC3-4805Sx-E
CC3-4812Sx-E
CC3-4812Dx-E
Input
Nominal Voltage
V
DC48
Voltage Range
V
DC36-76
Efficiency (typ)
(*1)
73
79
81
80
Current (typ)
(*1)
A
0.075
0.079
0.077
0.078
Output
Nominal Voltage
VDC
3.3
5
12
15
± 12
± 15
Maximum Current
A
0.800
0.600
0.250
0.200
0.125
0.100
Maximum Power
(*2)
W
2.64
3
Maximum Line Regulation(Within input voltage range)
mV
20
40
80
Maximum Load Regulation (0-100% load) (*3) mV
40
100
600
Temperature Coefficient
(Ambient temperature -40℃ to +50℃ )
80mV
200mV
300mV
Max Power Total Regulation (max)(*4)
± 3
± 5
Maximum Ripple & Noise (typ/max)
(*5) mVp-p
40/120
30/120
Voltage Adjustable Range
VDC
3.15-3.6
4.75-6.0
11.4-15.0
± 11.4- ± 15.0
Function
Over Current Protection
(*6)
Available
Over Voltage Protection
Not available
Remote ON/OFF Control
Available
Environment
Operating Temperature
-40 to +85
Storage Temperature
-40 to +85
Operating Humidity
% RH
5-95 (the conditions of maximum 38°
C in wet bulb temperature and non-condensation should be ensured.)
Storage Humidity
% RH
5-95 (the conditions of maximum 38°
C in wet bulb temperature and non-condensation should be ensured.)
Vibration
10-55Hz, 15 minutes sweep and 1.52mm total amplitude, X/Y/Z 3 directions, 2h for each
Shock
980m/s² (100G), 6ms, 6 directions, 3 times for each, in non-operation
Isolation
Withstand Voltage
Between input terminal and case, between input terminal and output terminal, and between output terminal and case: 500VAC (for 1 minute)
Isolation Resistance
Between input terminal and case, between input terminal and output terminal, and between output terminal and case: 500VDC, 50MΩ min
Standards Safety Standards
UL60950-1, CSA C22.2 No.60950-1 (C-UL), EN60950-1 (NEMKO)
Mechanical
Weight (typ)
g
4.5
Size (W x H x D)
mm
DIP: 22.86 x 8.5 x 16.6 / SMD: 22.86 x 8.8 x 16.6
Note: "x" in model names is to be replaced by a symbol which represents the terminal configuration (F: DIP/R: SMD) for actual model names.
Note: With nominal input/output voltage, maximum output current, and Ta=25°
C, if not specified separately.
Note: For 12V/ ± 12V models, output power can be set to 15V/ ± 15V by connecting the output adjustment terminal TRM to -Vout.
Note: For ± 12V model, output voltage can be set to 24V or 30V single output by making the COM terminal open.
(*1) With nominal input voltage, maximum output current, and Ta=25°
C.
(*2) The maximum output power value is between -40°
C and +50°
C. For use in outside this temperature range, derating is needed.
(*3) In balanced load for dual outputs ( "balanced load" means a condition where the +output and -output of load current are equal).
(*4) Output voltage includes input change, load change (balanced load), and temperature change.
(*5) In 50MHz, Ta=25°
C.
(*6) Output current restriction method. Automatically resumes when the causes are removed. Never operate the unit under output-shorted or overload conditions for over 30
seconds.
CC3-E(DIP/SMD)


Similar Part No. - CC1R5-0503SR-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC1R5-0503SR-E TDK-CC1R5-0503SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC1R5-0503SR-E TDK-CC1R5-0503SR-E Datasheet
173Kb / 2P
   DC-DC Converters
More results

Similar Description - CC1R5-0503SR-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC3-4805SR-E TDK-CC3-4805SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC101205SRE TDK-CC101205SRE Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC10-1205SR-E TDK-CC10-1205SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CE-3101 TDK-CE-3101 Datasheet
30Kb / 2P
   Non-insulation, 8-pin SMD type, 1.2W output DC-DC Converter
logo
Minmax Technology Co., ...
MSHU100 MINMAX-MSHU100 Datasheet
266Kb / 4P
   DC/DC CONVERTER 2W, Reinforced Insulation, Medical Safety
MIHW2000 MINMAX-MIHW2000_11 Datasheet
289Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MKW10M MINMAX-MKW10M Datasheet
329Kb / 4P
   DC/DC CONVERTER 10W, Reinforced Insulation, Medical Safety
MIDR03M MINMAX-MIDR03M Datasheet
311Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MIHW1000 MINMAX-MIHW1000_11 Datasheet
263Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MIHW3000 MINMAX-MIHW3000_11 Datasheet
654Kb / 4P
   DC/DC CONVERTER 6W, Reinforced Insulation, Medical Safety
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com