Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1R5-1203SF-E Datasheet(PDF) 1 Page - TDK Electronics

Part # CC1R5-1203SF-E
Description  Insulation type DC-DC converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CC1R5-1203SF-E Datasheet(HTML) 1 Page - TDK Electronics

  CC1R5-1203SF-E Datasheet HTML 1Page - TDK Electronics CC1R5-1203SF-E Datasheet HTML 2Page - TDK Electronics CC1R5-1203SF-E Datasheet HTML 3Page - TDK Electronics CC1R5-1203SF-E Datasheet HTML 4Page - TDK Electronics CC1R5-1203SF-E Datasheet HTML 5Page - TDK Electronics CC1R5-1203SF-E Datasheet HTML 6Page - TDK Electronics CC1R5-1203SF-E Datasheet HTML 7Page - TDK Electronics CC1R5-1203SF-E Datasheet HTML 8Page - TDK Electronics CC1R5-1203SF-E Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
・All specifications are subject to change without notice.

CC3-0505SF-E
■ Features
●Mounting area halved compared to existing products
●Nonuse of tantalum capacitor or aluminum electro-
lytic capacitor
●Remote On/Off function incorporated in all series of
products
●High accuracy of ± 3% in output voltage (10W of
lower single output)
●5-side metal-shielded low noise design
●Lightweight design with no resin filled up
●Supports DIP insertion,SMD mounting and SIP verti-
cal insertion (3W products)
●Approved by UL60950-1, CSA C22.2 No.60950-1
(C-UL), and EN60950-1 (NEMKO)
CC-E
■ Product Line up
InsulationtypeDC-DCconverter
■ Applications
Y
E
A
R
S
warranty
5
■ Model-naming method
Shape
Symbol for number of outputs
S: Single output, D: Dual outputs
Nominal output voltage
03: 3.3V, 05: 5V, 12: 12V
Nominal input voltage
05: 5V, 12: 12V, 24: 24V, 48: 48V
Maximum output power
1R5: 1.5W, 3: 3W, 6:6W
10: 10W, 15: 15W, 25: 25W
Representing series name by
combination with "-E"at the end
Output
power
Input
voltage
Model name
(output voltage: 3.3V)
Model name
(output voltage: 5V)
Model name
(output voltage: 12V/15V)
Model name
(output voltage: ±12V/±15V)
Outputcurrent DIP type
SMD type SIP type Outputcurrent DIP type
SMD type SIP type Output current DIP type
SMD type SIP type Output current DIP type
SMD type SIP type
1.5W
5V 0.4A CC1R5-0503SF-E CC1R5-0503SR-E
-
0.3A CC1R5-0505SF-E CC1R5-0505SR-E
-
0.125A (0.1A) CC1R5-0512SF-E CC1R5-0512SR-E
-
0.06A (0.05A) CC1R5-0512DF-E CC1R5-0512DR-E
-
12V 0.4A CC1R5-1203SF-E CC1R5-1203SR-E
-
0.3A CC1R5-1205SF-E CC1R5-1205SR-E
-
0.125A (0.1A) CC1R5-1212SF-E CC1R5-1212SR-E
-
0.06A (0.05A) CC1R5-1212DF-E CC1R5-1212DR-E
-
24V 0.4A CC1R5-2403SF-E CC1R5-2403SR-E
-
0.3A CC1R5-2405SF-E CC1R5-2405SR-E
-
0.125A (0.1A) CC1R5-2412SF-E CC1R5-2412SR-E
-
0.06A (0.05A) CC1R5-2412DF-E CC1R5-2412DR-E
-
48V 0.4A CC1R5-4803SF-E CC1R5-4803SR-E
-
0.3A CC1R5-4805SF-E CC1R5-4805SR-E
-
0.125A (0.1A) CC1R5-4812SF-E CC1R5-4812SR-E
-
0.06A (0.05A) CC1R5-4812DF-E CC1R5-4812DR-E
-
3W
5V 0.8A CC3-0503SF-E CC3-0503SR-E CC3-0503SS-E 0.6A CC3-0505SF-E CC3-0505SR-E CC3-0505SS-E 0.25A (0.2A) CC3-0512SF-E CC3-0512SR-E CC3-0512SS-E 0.125A (0.1A) CC3-0512DF-E CC3-0512DR-E CC3-0512DS-E
12V 0.8A CC3-1203SF-E CC3-1203SR-E CC3-1203SS-E 0.6A CC3-1205SF-E CC3-1205SR-E CC3-1205SS-E 0.25A (0.2A) CC3-1212SF-E CC3-1212SR-E CC3-1212SS-E 0.125A (0.1A) CC3-1212DF-E CC3-1212DR-E CC3-1212DS-E
24V 0.8A CC3-2403SF-E CC3-2403SR-E CC3-2403SS-E 0.6A CC3-2405SF-E CC3-2405SR-E CC3-2405SS-E 0.25A (0.2A) CC3-2412SF-E CC3-2412SR-E CC3-2412SS-E 0.125A (0.1A) CC3-2412DF-E CC3-2412DR-E CC3-2412DS-E
48V 0.8A CC3-4803SF-E CC3-4803SR-E CC3-4803SS-E 0.6A CC3-4805SF-E CC3-4805SR-E CC3-4805SS-E 0.25A (0.2A) CC3-4812SF-E CC3-4812SR-E CC3-4812SS-E 0.125A (0.1A) CC3-4812DF-E CC3-4812DR-E CC3-4812DS-E
6W
5V 1.2A CC6-0503SF-E CC6-0503SR-E
-
1A
CC6-0505SF-E CC6-0505SR-E
-
0.5A (0.4A) CC6-0512SF-E CC6-0512SR-E
-
0.25A (0.2A) CC6-0512DF-E CC6-0512DR-E
-
12V 1.2A CC6-1203SF-E CC6-1203SR-E
-
1.2A CC6-1205SF-E CC6-1205SR-E
-
0.5A (0.4A) CC6-1212SF-E CC6-1212SR-E
-
0.25A (0.2A) CC6-1212DF-E CC6-1212DR-E
-
24V 1.2A CC6-2403SF-E CC6-2403SR-E
-
1.2A CC6-2405SF-E CC6-2405SR-E
-
0.5A (0.4A) CC6-2412SF-E CC6-2412SR-E
-
0.25A (0.2A) CC6-2412DF-E CC6-2412DR-E
-
48V 1.2A CC6-4803SF-E CC6-4803SR-E
-
1.2A CC6-4805SF-E CC6-4805SR-E
-
0.5A (0.4A) CC6-4812SF-E CC6-4812SR-E
-
0.25A (0.2A) CC6-4812DF-E CC6-4812DR-E
-
10W
5V 2.5A CC10-0503SF-E CC10-0503SR-E
-
2A CC10-0505SF-E CC10-0505SR-E
-
0.8A (0.64A) CC10-0512SF-E CC10-0512SR-E
-
0.4A (0.32A) CC10-0512DF-E CC10-0512DR-E
-
12V 2.5A CC10-1203SF-E CC10-1203SR-E
-
2A CC10-1205SF-E CC10-1205SR-E
-
1A (0.8A) CC10-1212SF-E CC10-1212SR-E
-
0.45A (0.36A) CC10-1212DF-E CC10-1212DR-E
-
24V 2.5A CC10-2403SF-E CC10-2403SR-E
-
2A CC10-2405SF-E CC10-2405SR-E
-
1A (0.8A) CC10-2412SF-E CC10-2412SR-E
-
0.45A (0.36A) CC10-2412DF-E CC10-2412DR-E
-
48V 2.5A CC10-4803SF-E CC10-4803SR-E
-
2A CC10-4805SF-E CC10-4805SR-E
-
1A (0.8A) CC10-4812SF-E CC10-4812SR-E
-
0.45A (0.36A) CC10-4812DF-E CC10-4812DR-E
-
15W 24V 4.5A CC15-2403SF-E CC15-2403SR-E
-
3A CC15-2405SF-E CC15-2405SR-E
-
-
-
-
-
-
-
-
-
25W 24V 7.5A CC25-2403SF-E CC25-2403SR-E
-
5A CC25-2405SF-E CC25-2405SR-E
-
-
-
-
-
-
-
-
-
F: Horizontally-mounted DIP type
R: Horizontally-mounted SMD type
FS Vertically-mounted SIP type
UL60950-1/
CSA C22.2 No.60950-1
Low Voltage Directive Electrical Appliance
and Material Safety Law
(Input Voltage 100VAC)
DENAN
Built to meet
EN60950-1
医 療
計 測
F A
半導体
その他
その他
ks
コンピュータ
通 信
F A
半導体
その他
ph
pf-a
hk-a
hws
alpha
dlp
fps
フォーマット
コンピュータ
通 信
F A
半導体
その他
コンピュータ
通 信
医 療
計 測
F A
半導体
その他
コンピュータ
通 信
医 療
計 測
F A
半導体
その他
コンピュータ
通 信
医 療
計 測
F A
半導体
その他
コンピュータ
通 信
医 療
計 測
F A
半導体
その他
This means that, in conformity with EU Directive
2002/95/EC, lead, cadmium, mercury, hexavalent
chromium, and specific bromine-based flame retar-
dants, PBB and PBDE, have not been used, except for
exempted applications.
■ Conformity to RoHS Directive
UL60950-1/
CSA C22.2 No.60950-1
Low Voltage Directive Electrical Appliance
and Material Safety Law
(Input Voltage 100VAC)
DENAN
Built to meet
EN60950-1
00-0/2008042/etl_cc_e


Similar Part No. - CC1R5-1203SF-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC1R5-1203SF-E TDK-CC1R5-1203SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC1R5-1203SF-E TDK-CC1R5-1203SF-E Datasheet
255Kb / 2P
   Ultra Compact, 1.5W to 25W Single and Dual DC-DC Converters
CC1R5-1203SF-E TDK-CC1R5-1203SF-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC1R5-1203SF-E TDK-CC1R5-1203SF-E Datasheet
178Kb / 2P
   DC-DC Converters
More results

Similar Description - CC1R5-1203SF-E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CC3-4805SR-E TDK-CC3-4805SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC101205SRE TDK-CC101205SRE Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CC10-1205SR-E TDK-CC10-1205SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
CE-3101 TDK-CE-3101 Datasheet
30Kb / 2P
   Non-insulation, 8-pin SMD type, 1.2W output DC-DC Converter
logo
Minmax Technology Co., ...
MSHU100 MINMAX-MSHU100 Datasheet
266Kb / 4P
   DC/DC CONVERTER 2W, Reinforced Insulation, Medical Safety
MIHW2000 MINMAX-MIHW2000_11 Datasheet
289Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MKW10M MINMAX-MKW10M Datasheet
329Kb / 4P
   DC/DC CONVERTER 10W, Reinforced Insulation, Medical Safety
MIDR03M MINMAX-MIDR03M Datasheet
311Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MIHW1000 MINMAX-MIHW1000_11 Datasheet
263Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MIHW3000 MINMAX-MIHW3000_11 Datasheet
654Kb / 4P
   DC/DC CONVERTER 6W, Reinforced Insulation, Medical Safety
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com