Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5812-F Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. 5812-F
Description  BiMOS II 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5812-F Datasheet(HTML) 4 Page - Allegro MicroSystems

  5812-F Datasheet HTML 1Page - Allegro MicroSystems 5812-F Datasheet HTML 2Page - Allegro MicroSystems 5812-F Datasheet HTML 3Page - Allegro MicroSystems 5812-F Datasheet HTML 4Page - Allegro MicroSystems 5812-F Datasheet HTML 5Page - Allegro MicroSystems 5812-F Datasheet HTML 6Page - Allegro MicroSystems 5812-F Datasheet HTML 7Page - Allegro MicroSystems 5812-F Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5812-F
20-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVERS
WITH ACTIVE-DMOS PULL-DOWNS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TRUTH TABLE
Serial
Shift Register Contents
Serial
Latch Contents
Output Contents
Data
Clock
Data
Strobe
Input
Input
I1
I2
I3
…IN-1 IN
Output
Input
I1
I2
I3
…IN-1 IN
Blanking
I1
I2
I3
…IN-1 IN
HH
R1 R2 … RN-2 RN-1
RN-1
LL
R1 R2 … RN-2 RN-1
RN-1
XR1 R2 R3 … RN-1 RN
RN
XXX
XX
X
L
R1 R2 R3 … RN-1 RN
P1 P2 P3 … PN-1 PN
PN
HP1 P2 P3 … PN-1 PN
LP1 P2 P3 … PN1 PN
XXX
X
X
H
LLL
LL
L = Low Logic Level
H = High Logic Level
X = Irrelevant
P = Present State
R = Previous State
Dwg. No. 12,649A
Serial Data present at the input is transferred
to the shift register on the logic “0” to logic “1”
transition of the CLOCK input pulse. On succeed-
ing CLOCK pulses, the registers shift data
information towards the SERIAL DATA OUT-
PUT. The SERIAL DATA must appear at the
input prior to the rising edge of the CLOCK input
waveform.
Information present at any register is trans-
ferred to the respective latch when the STROBE
is high (serial-to-parallel conversion). The latches
will continue to accept
new data as long as the STROBE is held high.
Applications where the latches are bypassed
(STROBE tied high) will require that the
BLANKING input be high during serial data
entry.
When the BLANKING input is high, the
output source drivers are disabled (OFF); the
DMOS sink drivers are ON, the information
stored in the latches is not affected by the
BLANKING input. With the BLANKING input
low, the outputs are controlled by the state of
their respective latches.
E
F
CLOCK
DATA IN
STROBE
BLANKING
OUTN
A
D
B
C
G
TIMING REQUIREMENTS
(TA = +25°C,VDD = 5 V, Logic Levels are VDD and Ground)
A. Minimum Data Active Time Before Clock Pulse
(Data Set-Up Time) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 ns
B. Minimum Data Active Time After Clock Pulse
(Data Hold Time) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 ns
C. Minimum Data Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 ns
D. Minimum Clock Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 ns
E. Minimum Time Between Clock Activation and Strobe . . . . . . . . . . . 300 ns
F. Minimum Strobe Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 ns
G. Typical Time Between Strobe Activation and
Output Transistion . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 ns
Timing is representative of a 3.3 MHz clock. Higher speeds may be attainable
with increased supply voltage; operation at high temperatures will reduce the
specified maximum clock frequency.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn