Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

671-292-75 Datasheet(PDF) 2 Page - Marl International Limited

Part # 671-292-75
Description  high performance panel lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

671-292-75 Datasheet(HTML) 2 Page - Marl International Limited

  671-292-75 Datasheet HTML 1Page - Marl International Limited 671-292-75 Datasheet HTML 2Page - Marl International Limited 671-292-75 Datasheet HTML 3Page - Marl International Limited 671-292-75 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
technical data
Dimensions in mm (typical)
Not to scale
technical characteristics
Series
Max. Power
Dissipation
Max. Reverse
Voltage
Panel Cutout
Nut Mounting
Torque
Min. Mounting
Centres
Max. Panel
Thickness
units
mW
Vdc
mm
Nm
mm
mm
to order
Mounting hole to be clean and burr free
* = Current Version
^ = Voltage Version
BS EN ISO 9001:2008
approved manufacturer
671 series
18
49
25.4
+0
0
Mounting Hole
+ = Anode
housing material
Body
Nut
Panel Seal
Fresnel Lens
Encapsulation
Lock Washer
Termination Tags
Header
Header
Header
Black Anodised Aluminium
Aluminium
Neoprene
Epoxy
PC5430 Resin
Spring Steel
Zinc Plated Steel
Nylon 6 A82
671
2500
N/A
25.4
1.2
41.0
2.0 - 10.0
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 671 - version 2013-12-02-173637
page 2 of 4


Similar Part No. - 671-292-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
671-292-75 MARL-671-292-75 Datasheet
283Kb / 3P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
671-292-75 MARL-671-292-75 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
671-292-75 MARL-671-292-75 Datasheet
374Kb / 4P
   Large LED indication
More results

Similar Description - 671-292-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
604-301-04_1309 MARL-604-301-04_1309 Datasheet
460Kb / 4P
   high performance panel lamps
612-301-21_1309 MARL-612-301-21_1309 Datasheet
451Kb / 5P
   high performance panel lamps
677-501-21_1312 MARL-677-501-21_1312 Datasheet
459Kb / 5P
   high performance panel lamps
695-501-21_1312 MARL-695-501-21_1312 Datasheet
474Kb / 5P
   high performance panel lamps
699-501-75_1312 MARL-699-501-75_1312 Datasheet
359Kb / 4P
   high performance panel lamps
643-503-04_1312 MARL-643-503-04_1312 Datasheet
401Kb / 4P
   high performance panel lamps
651-105-21_1309 MARL-651-105-21_1309 Datasheet
430Kb / 5P
   high performance panel lamps
684-312-04_1309 MARL-684-312-04_1309 Datasheet
415Kb / 4P
   high performance panel lamps
623-503-22_1309 MARL-623-503-22_1309 Datasheet
326Kb / 4P
   high performance panel lamps
665-501-04-50_1312 MARL-665-501-04-50_1312 Datasheet
397Kb / 4P
   high performance panel lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com