Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5364 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 5364
Description  SMOKE DETECTOR WITH INTERCONNECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5364 Datasheet(HTML) 5 Page - Allegro MicroSystems

  5364 Datasheet HTML 1Page - Allegro MicroSystems 5364 Datasheet HTML 2Page - Allegro MicroSystems 5364 Datasheet HTML 3Page - Allegro MicroSystems 5364 Datasheet HTML 4Page - Allegro MicroSystems 5364 Datasheet HTML 5Page - Allegro MicroSystems 5364 Datasheet HTML 6Page - Allegro MicroSystems 5364 Datasheet HTML 7Page - Allegro MicroSystems 5364 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5364
SMOKE DETECTOR
WITH
INTERCONNECT
www.allegromicro.com
19 CLOCK CYCLES
1.67 s
NO ALARM
NO LOW BATTERY
STANDBY MODE
10 ms
40 ms
24 CLOCK CYCLES
V15 > V13 (NO SMOKE)
V15 < V13 (SMOKE)
V12
OSC. CAP
INTERNAL
CLOCK
LED
SMOKE
COMPARATOR
SMOKE
CHAMBER
HORN
SAMPLE
ALARM
NO LOW BATTERY
30 CLOCK CYCLES
LOW BATTERY
WARNING
HORN
ON TIME
"A"
ALARM AND
LOW BATTERY
NO ALARM
LOW BATTERY
Dwg. WC-003-3
24 CLOCK CYCLES
LED OFF
LED
ON
12 CLOCK
CYCLES
12 CLOCK
CYCLES
36 CLOCK CYCLES
HORN
OFF TIME
"B"
13 CLOCK
CYCLES
24 CLOCK CYCLES
73 CLOCK CYCLES
I/O
SHADED AND UNSHADED AREAS
ARE DIFFERENT TIME SCALES
HORN OFF TIME
"C"
I/O. A connection is provided at pin 2 to
allow multiple smoke detectors to be
commoned. If any single unit detects smoke
(I/O is driven high), all connected units will
sound their associated horns after a nominal 3
second delay. The LED is suppressed when
an alarm is signaled from an interconnected
unit.
Testing. On power up, all internal counters
are reset. Internal test circuitry allows for
low battery check by holding pins 8 and 12
low during power up, then reducing V
DD and
monitoring HORN
1 (pin 10). All functional
tests can be accelerated by driving pin 12
with a 2 kHz square wave. The 10 ms strobe
period must be maintained for proper opera-
tion of the comparator circuitry.
TYPICAL APPLICATION
TO
OTHER
UNITS
NOTE
1
NOTE
2
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
LOGIC
OSC. &
TIMING
HORN
DRIVER
V DD
Dwg. EC-005-4
V SS
9 V
PUSH
TO
TEST
200 k
200
8.2 M
1
µF
0.1
µF
0.001
µF
330
NC
NC
NOTE 1: Use an external resistor to adjust sensitivity for a particular smoke
chamber.
NOTE 2: A resistor to ground or V
DD may be added to this pin to modify low
battery voltage threshold.
TIMING DIAGRAM IN TYPICAL APPLICATION


Similar Part No. - 5364

ManufacturerPart #DatasheetDescription
logo
MolexKits
53647-0274 MOLEXKITS-53647-0274 Datasheet
38Kb / 2P
   SMT Header Plug and Receptacle
53647-0274 MOLEXKITS-53647-0274 Datasheet
47Kb / 6P
   Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
logo
Molex Electronics Ltd.
53647-0274 MOLEX7-53647-0274 Datasheet
337Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 8.00 and 14.00mm (.315 and .551") Stacking Heights, Lead-free, 20 Circuitswith Embossed Tape with Cover Packaging
53647-0374 MOLEX7-53647-0374 Datasheet
337Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 8.00 and 14.00mm (.315 and .551") Stacking Heights, Lead-free, 30 Circuitswith Embossed Tape with Cover Packaging
logo
MolexKits
53647-0474 MOLEXKITS-53647-0474 Datasheet
38Kb / 2P
   SMT Header Plug and Receptacle
More results

Similar Description - 5364

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
5355 ALLEGRO-5355 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
5354 ALLEGRO-5354 Datasheet
77Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75310 MOSDESIGN-M75310 Datasheet
124Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2012-03-28
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
logo
Allegro MicroSystems
A5350 ALLEGRO-A5350 Datasheet
287Kb / 10P
   Ionization Smoke Detector with Interconnect
logo
List of Unclassifed Man...
M75012 ETC2-M75012 Datasheet
166Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com