Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8050 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # S8050
Description  TRANSISTOR (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

S8050 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  S8050 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD S8050 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Typical Characteristics
Base-Emitter Saturation
Voltage vs Collector Current
10
100
1000
0.4
0.6
0.8
1
1.2
I - COLLECTOR CURRENT (mA)
C
ββ = 10
- 40 ºC
25 °C
1
10
100
1000
50
100
150
200
250
300
I
- COLLECTOR CURRENT (A)
- 40 ºC
25 °C
C
V
= 1V
CE
125 °C
Collector-Emitter Saturation
Voltage vs Collector Current
10
100
1000
0
0.1
0.2
0.3
0.4
I - COLLECTOR CURRENT (mA)
C
ββ = 10
- 40 ºC
25 °C
125 °C
Base Emitter ON Voltage vs
Collector Current
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRENT (mA)
C
V
= 1V
CE
- 40 ºC
25 °C
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.,LTD
Typical Pulsed Current Gain
vs Collector Current
S8050
RoHS


Similar Part No. - S8050

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
S8050 DGNJDZ-S8050 Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Wing Shing Computer Com...
S8050 WINGS-S8050 Datasheet
69Kb / 1P
   TRANSISTOR (PNP)
logo
Guilin Strong Micro-Ele...
S8050 GSME-S8050 Datasheet
206Kb / 2P
   Low Frequency Power Amplifier
logo
SHENZHEN SLS TECHNOLOGY...
S8050 SHENZHENSLS-S8050 Datasheet
414Kb / 2P
   Plastic-Encapsulate Transistors
logo
Guangdong Youtai Semico...
S8050 UMW-S8050 Datasheet
974Kb / 3P
   TRANSISTOR(NPN)
More results

Similar Description - S8050

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com