Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5354 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 5354
Description  SMOKE DETECTOR WITH INTERCONNECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5354 Datasheet(HTML) 6 Page - Allegro MicroSystems

  5354 Datasheet HTML 1Page - Allegro MicroSystems 5354 Datasheet HTML 2Page - Allegro MicroSystems 5354 Datasheet HTML 3Page - Allegro MicroSystems 5354 Datasheet HTML 4Page - Allegro MicroSystems 5354 Datasheet HTML 5Page - Allegro MicroSystems 5354 Datasheet HTML 6Page - Allegro MicroSystems 5354 Datasheet HTML 7Page - Allegro MicroSystems 5354 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5354
SMOKE DETECTOR
with INTERCONNECT
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
I/O OPERATION
HORN
ON
OFF
HORN NOT SELF COMPLETING
WHEN IN REMOTE ONLY ALARM
INTERNAL
CLOCK
HORN
V2 IN
I/O
4 CYCLES
2 CYCLES
40 ms
1.67 s
72 CLOCK CYCLES
V2 OUT
I/O
INTERNAL
CLOCK
LOCAL ALARM MODE
REMOTE ALARM MODE
HORN
ON
OFF
HORN
Dwg. WC-004


Similar Part No. - 5354

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
535431 FESTO-535431 Datasheet
100Kb / 2P
   Swing clamp cylinder
535432 FESTO-535432 Datasheet
100Kb / 2P
   Swing clamp cylinder
535433 FESTO-535433 Datasheet
100Kb / 2P
   Swing clamp cylinder
535434 FESTO-535434 Datasheet
100Kb / 2P
   Swing clamp cylinder
535435 FESTO-535435 Datasheet
101Kb / 2P
   Swing clamp cylinder
More results

Similar Description - 5354

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
5355 ALLEGRO-5355 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
5364 ALLEGRO-5364 Datasheet
156Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75310 MOSDESIGN-M75310 Datasheet
124Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2012-03-28
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
logo
Allegro MicroSystems
A5350 ALLEGRO-A5350 Datasheet
287Kb / 10P
   Ionization Smoke Detector with Interconnect
logo
List of Unclassifed Man...
M75012 ETC2-M75012 Datasheet
166Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com