Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK1535 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SK1535
Description  15 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SK1535 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SK1535 Datasheet HTML 1Page - List of Unclassifed Manufacturers SK1535 Datasheet HTML 2Page - List of Unclassifed Manufacturers SK1535 Datasheet HTML 3Page - List of Unclassifed Manufacturers SK1535 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


*
8".###
3###: ; !"#versus
 :#6. 6.#
6.#
+*
+&
%
)
m
!"#
%'
)%
*'
&'
('
)''
+'')
+''%
+''*
+''&
+')
+'%
+'*
+'&
+)
+%
7
,°
*
&
)'
)*'
)
)''
*
'
,'
)''
),'
(
,
:
:  !"#versus
<!$8.# &'02 8.#
!"#
8.#
%
&
)' %'
&' ('
*'
%''
%,'
4''
9),% 9),*,
9),, 9),)'
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Revision: B
2013/01/01
2
,°
100
°


Similar Part No. - SK1535

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK1535 MCC-SK1535 Datasheet
221Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts
SK1535 MCC-SK1535 Datasheet
259Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts For Surface Mount Applications
SK1535 MCC-SK1535 Datasheet
259Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK1535

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK152 MCC-SK152 Datasheet
94Kb / 3P
   15 Amp Schottky Rectifier 20 to 100 Volts
SK152 MCC-SK152_11 Datasheet
221Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts
SK154-TP MCC-SK154-TP Datasheet
259Kb / 4P
   15 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SS152C LEIDITECH-SS152C Datasheet
250Kb / 3P
   15 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR1520 MCC-MBR1520 Datasheet
98Kb / 2P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT Datasheet
100Kb / 2P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB1520CT MCC-MBRB1520CT_17 Datasheet
253Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520 MCC-MBR1520_08 Datasheet
101Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1520CT MCC-MBR1520CT Datasheet
105Kb / 2P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR15100CT KERSEMI-MBR15100CT Datasheet
477Kb / 2P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com