Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCC10-14AW-L Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # LCC10-14AW-L
Description  Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LCC10-14AW-L Datasheet(HTML) 2 Page - PANDUIT CORP.

  LCC10-14AW-L Datasheet HTML 1Page - PANDUIT CORP. LCC10-14AW-L Datasheet HTML 2Page - PANDUIT CORP. LCC10-14AW-L Datasheet HTML 3Page - PANDUIT CORP. LCC10-14AW-L Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PANDUIT ® Copper Compression Lugs for #14 - #10 AWG Code Conductors
Bolt
Hole
Size (In.)
P
PA
AN
ND
DU
UIIT
T ®
Crimp
Tools*
Fig.
#
1
2
3
Type LCB-W
One Hole Lug, Long Barrel
Copper Lugs, For Copper Code Conductors Only
P
PA
AN
ND
DU
UIIT
T ®
Part
Number
Copper
Conductor
Size
A
W
G
Std.
Pkg.
Qty.
50
50
50
1/4
1.30
.42
.25
LCB10-14W-L
1/4
.94
.42
.25
LCB10-14WH-L
1/4
1.15
.42
.25
LCB10-14WF-L
Dimensions (In.)
Choose Type LCA one-hole or Type LCD two-hole lugs with standard barrel
length (#14 – #10 AWG lugs), to meet minimum space requirements.
Choose Type LCB-W one-hole or Type LCC-W two-hole lugs with long barrel
length (#14 – #10 AWG lugs), which allows multiple crimps for premium wire
pull-out strength.
Order the number of pieces required in multiples of standard package quantity.
* Two crimps required.
STRAIGHT
TONGUE (Fig. 1)
45 ° ANGLE TONGUE
(Fig. 2)
90° ANGLE TONGUE
(Fig. 3)
INSPECTION
WINDOW
A
W
G
INSPECTION
WINDOW
A
45˚
INSPECTION
WINDOW
90˚
A
#14 – #10 AWG
Stranded
#12 – #10 AWG
Solid
CT-1570,
CT-1701,
CT-100,
CT-200
P
PA
AN
ND
DU
UIIT
T ®
Part
Number
Bolt
Hole
Size (In.)
Copper
Conductor
Size
Fig.
#
A
W
G
P
PA
AN
ND
DU
UIIT
T ®
Crimp
Tools*
#10
#10
#10
3
2
1
1
2
3
1
1
.85
1.06
.96
.38
.38
.38
.23
.23
.23
Std.
Pkg.
Qty.
LCA10-10F-L
LCA10-10-L
LCA10-10H-L
1/4
1.15
.42
.25
LCA10-14-L
1/4
1.05
.42
.25
LCA10-14H-L
1/4
.94
.42
.25
LCA10-14F-L
5/16
1.27
.54
.32
LCA10-56-L
3/8
1.37
.56
.36
LCA10-38-L
Dimensions (In.)
#14 – #10 AWG
Stranded
#12 – #10 AWG
Solid
Type LCA
One Hole Lug, Standard Barrel
Copper Lugs, For Copper Code Conductors Only
Order the number of pieces required in multiples of standard package quantity.
* One crimp required.
STRAIGHT
TONGUE (Fig. 1)
45 ° ANGLE TONGUE
(Fig. 2)
90° ANGLE TONGUE
(Fig. 3)
INSPECTION
WINDOW
A
W
G
INSPECTION
WINDOW
A
45˚
INSPECTION
WINDOW
90˚
A
50
50
50
50
50
50
50
50
CT-1570,
CT-1701,
CT-100,
CT-200


Similar Part No. - LCC10-14AW-L

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCC10-14JAW-L PANDUIT-LCC10-14JAW-L Datasheet
83Kb / 1P
   COPPER LUG - SLOTTED TWO-HOLE, LONG BARREL WITH WINDOW
More results

Similar Description - LCC10-14AW-L

ManufacturerPart #DatasheetDescription
logo
3M Electronics
30000 3M-30000 Datasheet
234Kb / 8P
   3M??Scotchlok??Copper Compression Lugs,
logo
List of Unclassifed Man...
1346243 ETC2-1346243 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
28489 ETC2-28489 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
3105A ETC2-3105A Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
   18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com