Electronic Components Datasheet Search |
|
S2A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers |
|
S2A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 5 page Series S Medium Capacity Standard Size Toggles www.nkk.com A101 A S2AL S6AL Maximum Panel Thickness: .158” (4.0mm) Maximum Panel Thickness: .158” (4.0mm) S21AL does not have terminals 2 & 5 S1AL does not have terminal 2 (11.2) .441 (12.2) Dia .480 (11.2) .441 (12.2) Dia .480 (18.6) .732 (12.0) .472 (23.5) .925 (25.7) 1.012 (5.7) .224 (2.4) Dia Typ .094 (10.7) Dia .421 (4.8) Typ .189 (7.5) .295 Flat (7.4) Dia .291 (7.8) Dia .307 (26.4) 1.039 (17.0) .669 M12 P1 α 6 3 2 1 4 5 (31.2) 1.228 (0.8) Typ .031 3 2 1 (30.0) 1.181 (18.0) .709 (23.7) .933 (2.4) Dia Typ .094 (5.7) .224 (4.8) Typ .189 (0.8) Typ .031 (12.0) .472 (23.5) .925 (10.7) Dia .421 (7.5) .295 (7.4) Dia .291 (7.8) Dia .307 (26.4) 1.039 (17.0) .669 Flat M12 P1 α Notes: Standard Hardware: AT503M Face Hex Nut, AT508 Lockwasher, AT537 O-ring. See Accessories & Hardware section. * Wire harness & cable assemblies offered only in Americas. SINGLE POLE SOLDER LUG WITH LOCKING LEVER & PANEL SEAL * Toggle Position/Connected Terminals Electrical Capacity Model Approvals Pole & Throw Down Center Up Resistive Inductive α = Angle of Throw AC 125V AC 250V DC 30V AC 125V PF 0.6 S1AL –– –– SPST ON 1-3 NONE OFF — 15A 6A 20A 8A 24° S2AL –– –– SPDT ON 2-3 NONE ON 2-1 15A 6A 20A 8A 24° S3AL –– –– SPDT ON 2-3 OFF ON 2-1 15A 6A 20A 8A 28° Throw & Schematics: SPST Keyway SPDT 3 1 INTERNAL CONNECTION 2 (COM) 1 3 Note: Terminal numbers are actually on the switch R C R US Notes: Standard Hardware: AT503M Face Hex Nut, AT508 Lockwasher, AT537 O-ring. See Accessories & Hardware section. * Wire harness & cable assemblies offered only in Americas. DOUBLE POLE SOLDER LUG WITH LOCKING LEVER & PANEL SEAL * * UL & cULus recognized only when ordered with marking on switch (see General Specs) Toggle Position/Connected Terminals Electrical Capacity Model *Approvals Pole & Throw Down Center Up Resistive Inductive α = Angle of Throw AC 125V AC 250V DC 30V AC 125V PF 0.6 S21AL –– –– DPST ON 1-3 4-6 NONE OFF — 15A 15A 15A 8A 22° S6AL DPDT ON 2-3 5-6 NONE ON 2-1 5-4 20A 10A 20A 8A 22° S7AL –– –– DPDT ON 2-3 5-6 OFF ON 2-1 5-4 20A 10A 20A 8A 28° Throw & Schematics: DPST Keyway DPDT 4 6 1 3 25 (COM) 6 4 INTERNAL CONNECTION 3 1 Note: Terminal numbers are actually on the switch R C R US |
Similar Part No. - S2A |
|
Similar Description - S2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |