Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GAL22V10D-25LJ Datasheet(PDF) 15 Page - Lattice Semiconductor

Part No. GAL22V10D-25LJ
Description  Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10D-25LJ Datasheet(HTML) 15 Page - Lattice Semiconductor

Back Button GAL22V10D-25LJ Datasheet HTML 11Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 12Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 13Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 14Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 15Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 16Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 17Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 18Page - Lattice Semiconductor GAL22V10D-25LJ Datasheet HTML 19Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Specifications GAL22V10
13
Electronic Signature
An electronic signature (ES) is provided in every GAL22V10
device. It contains 64 bits of reprogrammable memory that can
contain user-defined data. Some uses include user ID codes,
revision numbers, or inventory control. The signature data is
always available to the user independent of the state of the se-
curity cell.
The electronic signature is an additional feature not present in
other manufacturers' 22V10 devices. To use the extra feature of
the user-programmable electronic signature it is necessary to
choose a Lattice Semiconductor 22V10 device type when com-
piling a set of logic equations. In addition, many device program-
mers have two separate selections for the device, typically a
GAL22V10 and a GAL22V10-UES (UES = User Electronic Sig-
nature) or GAL22V10-ES. This allows users to maintain compat-
ibility with existing 22V10 designs, while still having the option to
use the GAL device's extra feature.
The JEDEC map for the GAL22V10 contains the 64 extra fuses
for the electronic signature, for a total of 5892 fuses. However,
the GAL22V10 device can still be programmed with a standard
22V10 JEDEC map (5828 fuses) with any qualified device pro-
grammer.
Security Cell
A security cell is provided in every GAL22V10 device to prevent
unauthorized copying of the array patterns. Once programmed,
this cell prevents further read access to the functional bits in the
device. This cell can only be erased by re-programming the
device, so the original configuration can never be examined once
this cell is programmed. The Electronic Signature is always avail-
able to the user, regardless of the state of this control cell.
Latch-Up Protection
GAL22V10 devices are designed with an on-board charge pump
to negatively bias the substrate. The negative bias is of sufficient
magnitude to prevent input undershoots from causing the circuitry
to latch. Additionally, outputs are designed with n-channel pullups
instead of the traditional p-channel pullups to eliminate any pos-
sibility of SCR induced latching.
Device Programming
GAL devices are programmed using a Lattice Semiconductor-
approved Logic Programmer, available from a number of manu-
facturers (see the the GAL Development Tools section). Com-
plete programming of the device takes only a few seconds. Eras-
ing of the device is transparent to the user, and is done automati-
cally as part of the programming cycle.
Typical Input Current
1 .0
2 .0
3 .0
4 .0
5 .0
-6 0
0
-2 0
-4 0
0
Input V olt age ( V olt s)
Output Register Preload
When testing state machine designs, all possible states and state
transitions must be verified in the design, not just those required
in the normal machine operations. This is because certain events
may occur during system operation that throw the logic into an
illegal state (power-up, line voltage glitches, brown-outs, etc.). To
test a design for proper treatment of these conditions, a way must
be provided to break the feedback paths, and force any desired
(i.e., illegal) state into the registers. Then the machine can be
sequenced and the outputs tested for correct next state condi-
tions.
The GAL22V10 device includes circuitry that allows each regis-
tered output to be synchronously set either high or low. Thus, any
present state condition can be forced for test sequencing. If
necessary, approved GAL programmers capable of executing test
vectors perform output register preload automatically.
Input Buffers
GAL22V10 devices are designed with TTL level compatible in-
put buffers. These buffers have a characteristically high imped-
ance, and present a much lighter load to the driving logic than bi-
polar TTL devices.
The input and I/O pins also have built-in active pull-ups. As a re-
sult, floating inputs will float to a TTL high (logic 1). However,
Lattice Semiconductor recommends that all unused inputs and
tri-stated I/O pins be connected to an adjacent active input, Vcc,
or ground. Doing so will tend to improve noise immunity and
reduce Icc for the device. (See equivalent input and I/O schemat-
ics on the following page.)


Similar Part No. - GAL22V10D-25LJ

ManufacturerPart No.DatasheetDescription
Lattice Semiconductor
Lattice Semiconductor
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-25LJ LATTICE-GAL22V10D-25LJ Datasheet
718Kb / 23P
   GAL 22V10 Device Datasheet
GAL22V10D-25LJI LATTICE-GAL22V10D-25LJI Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
More results

Similar Description - GAL22V10D-25LJ

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
AN1278 STMICROELECTRONICS-AN1278 Datasheet
303Kb / 44P
   Many mechanical components in the automotive sector have been replaced
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
Lite-On Technology Corporation
Lite-On Technology Corp...
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
   Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
   Photocoupler Product Data Sheet
PHOENIX CONTACT
PHOENIX CONTACT
REL-KSR-G24 PHOENIX-REL-KSR-G24 Datasheet
103Kb / 3P
   This product has been replaced by a newer version.
Lite-On Technology Corporation
Lite-On Technology Corp...
4N35S-TA1 LITEON-4N35S-TA1 Datasheet
616Kb / 12P
   Photocoupler Product Data Sheet
Cree, Inc
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
Lite-On Technology Corporation
Lite-On Technology Corp...
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
   Photocoupler Product Data Sheet
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
PLA10AS1230R6R2B MURATA-PLA10AS1230R6R2B Datasheet
220Kb / 3P
   Product Search Data Sheet
PLA10AS1330R5D2B MURATA-PLA10AS1330R5D2B Datasheet
219Kb / 3P
   Product Search Data Sheet
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz