Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPG1105W-TR Datasheet(PDF) 18 Page - STANLEY ELECTRIC CO.,LTD.

Part # HPG1105W-TR
Description  Single Color 3216 Dome Lenz Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

HPG1105W-TR Datasheet(HTML) 18 Page - STANLEY ELECTRIC CO.,LTD.

Back Button HPG1105W-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. HPG1105W-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. HPG1105W-TR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. HPG1105W-TR Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. HPG1105W-TR Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. HPG1105W-TR Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. HPG1105W-TR Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. HPG1105W-TR Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD. HPG1105W-TR Datasheet HTML 21Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Single Color 3216 Dome Lenz Type
1105W Series
Page 18
Package Dimensions
Recommended Soldering Pattern
(Unit: mm)
Taping Specification
(Unit: mm)
(Unit: mm)
Quantity : 2,000pcs/ reel (standard)
Weight: (7.81)mg
Surface Mount
Reverse Mount
1105W-TR (Surface Mount)
1105W-RR (Reverse Mount)
2005.7.6


Similar Part No. - HPG1105W-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HPG1105W STANLEY-HPG1105W Datasheet
542Kb / 21P
   Single Color 3216 Dome Lenz Type
HPG1105W STANLEY-HPG1105W Datasheet
156Kb / 2P
   H 1105W Series, Dome Lens Type SMT LED
More results

Similar Description - HPG1105W-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
HBG1105W STANLEY-HBG1105W Datasheet
542Kb / 21P
   Single Color 3216 Dome Lenz Type
BR1101W-TR STANLEY-BR1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1101W-TR STANLEY-PY1101W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
AA1102W-TR STANLEY-AA1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PY1102W-TR STANLEY-PY1102W-TR Datasheet
724Kb / 21P
   Single Color 3216 Type
PS1105WA STANLEY-PS1105WA Datasheet
246Kb / 10P
   Surface Mount Phototransistor/Dome Lenz Type
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
BG1111R STANLEY-BG1111R Datasheet
441Kb / 21P
   Single Color 3216 Reverse Mount Type
FR1105W-TR STANLEY-FR1105W-TR Datasheet
440Kb / 19P
   3216 Dome Lens Type, Water Clear resin
1105W STANLEY-1105W Datasheet
305Kb / 16P
   Single Color Dome Lens Type (High Reliability type, V-Series)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com