Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

547LP3E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 547LP3E
Description  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

547LP3E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  547LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 547LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 547LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 547LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 547LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 547LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC547LP3 / 547LP3E
v02.0612
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 20 GHz
Evaluation PCB
the circuit board used in the application should be
generated with proper RF circuit design techniques.
Signal lines at the RF port should have 50 Ohm
impedance and the package ground leads and
package bottom should be connected directly to
the ground plane similar to that shown above. the
evaluation circuit board shown above is available
from hittite Microwave corporation upon request.
List of Materials for Evaluation PCB 105711 [1]
item
Description
J1 - J3
PcB Mount SRi SMA connector
J4 - J6
Dc Pin
R1 - R2
100 Ohm Resistor, 0603 Pkg.
U1
hMc547LP3 / hMc547LP3e
SPDt Switch
PcB [2]
107521 evaluation PcB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350


Similar Part No. - 547LP3E

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
547 ARIES-547 Datasheet
766Kb / 1P
   Optional Device Lifter for Easy Package Removal
logo
3M Electronics
547 3M-547 Datasheet
42Kb / 1P
   Pipe Thread Sealant Tape 547, 1/4 in x 36 yds (6,3 mm x 32,9 m), Boxed
logo
Glenair, Inc.
547-002BT GLENAIR-547-002BT Datasheet
80Kb / 1P
   Connectors
547-005BT GLENAIR-547-005BT Datasheet
84Kb / 1P
   Boot Backshell for Cannon DPX3 Series Connectors
logo
Heyco.
5470 HEYCO-5470 Datasheet
380Kb / 2P
   Full Thickness Male Blades
More results

Similar Description - 547LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC347 HITTITE-HMC347_07 Datasheet
204Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC347 HITTITE-HMC347_09 Datasheet
214Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC547ALP3E AD-HMC547ALP3E Datasheet
403Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Filtronic Compound Semi...
FMS2027 FILTRONIC-FMS2027 Datasheet
146Kb / 4P
   DC-20 GHZ MMIC SPDT NON-REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com