Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1086T15G-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1086T15G-13
Description  1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1086T15G-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1086T15G-13 Datasheet HTML 1Page - Diodes Incorporated AP1086T15G-13 Datasheet HTML 2Page - Diodes Incorporated AP1086T15G-13 Datasheet HTML 3Page - Diodes Incorporated AP1086T15G-13 Datasheet HTML 4Page - Diodes Incorporated AP1086T15G-13 Datasheet HTML 5Page - Diodes Incorporated AP1086T15G-13 Datasheet HTML 6Page - Diodes Incorporated AP1086T15G-13 Datasheet HTML 7Page - Diodes Incorporated AP1086T15G-13 Datasheet HTML 8Page - Diodes Incorporated AP1086T15G-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP1086
1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1086
Document number: DS31028 Rev. 6 - 2
1 of 10
www.diodes.com
June 2010
© Diodes Incorporated
Description
AP1086 is a low dropout positive adjustable or fixed-mode
regulator with 1.5A output current capability. The product is
specifically designed to provide well-regulated supply for low
voltage IC applications such as high-speed bus termination
and low current 3.3V logic supply. AP1086 is also well suited
for other applications such as VGA cards. AP1086 is
guaranteed to have lower than 1.4V dropout at full load
current making it ideal to provide well-regulated outputs of
1.25V to 5.0V with 4.7 to 12V input supply by different output
voltage.
Features
3-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V,3.3V,
5.0V
1.4V Maximum Dropout at Full Load Current
Fast Transient Response
Built-in Thermal Shutdown
Output Current Limiting
Lead Free Packages: TO252-3L, TO263-3L, TO220-3L
TO252-3L, TO263-3L, and TO220-3L: Available in
“Green” Molding Compound (No Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
3
2
1
VIN
VOUT
Adj (GND)
(Top View)
Tab is VOUT
TO252-3L
3
2
1
VIN
VOUT
Tab is VOUT
(Top View)
Adj (GND)
TO263-3L
Tab is VOUT
VOUT
Adj (GND)
(Top View)
VIN
1
2
3
TO220-3L
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
5V to 3.3V Fixed Mode Regulator
Adjustable Regulator
C2
100uF
5V
3.3V/1.5A
Tab is Vout
Vin
Vout
GND
C1
100uF
R1
121
R2
121
C2
100uF
5V
2.5V/1.5A
Tab is Vout
Vin
Vout
C1
100uF
Adj
VOUT=Vref
(1+R2/R1)
×
)
1
2
RE
F
o
R
R
(
1
V
V
+
=
Note:


Similar Part No. - AP1086T15G-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1086T15 ANACHIP-AP1086T15 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1086T15A ANACHIP-AP1086T15A Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1086T15L ANACHIP-AP1086T15L Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086T15L-13 DIODES-AP1086T15L-13 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
AP1086T15L-U DIODES-AP1086T15L-U Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
More results

Similar Description - AP1086T15G-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1086 ANACHIP-AP1086 Datasheet
207Kb / 9P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com