Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6215B092HR Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC6215B092HR
Description  0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6215B092HR Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC6215B092HR Datasheet HTML 12Page - Torex Semiconductor XC6215B092HR Datasheet HTML 13Page - Torex Semiconductor XC6215B092HR Datasheet HTML 14Page - Torex Semiconductor XC6215B092HR Datasheet HTML 15Page - Torex Semiconductor XC6215B092HR Datasheet HTML 16Page - Torex Semiconductor XC6215B092HR Datasheet HTML 17Page - Torex Semiconductor XC6215B092HR Datasheet HTML 18Page - Torex Semiconductor XC6215B092HR Datasheet HTML 19Page - Torex Semiconductor XC6215B092HR Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16/36
XC6215 Series
(6) Supply Current vs. Ambient Temperature (Continued)
(7) CE Threshold Voltage vs. Ambient Temperature
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6215x092
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
VIN=1.9V , IOUT =1m A
CIN=1.0μF(ceram ic),CL=0.1μF(ceram ic)
XC6215x152
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
VIN=2.5V , IOUT =1m A
CIN=1.0μF(ceram ic),CL=0.1μF(ceram ic)
High Level Voltage
Low Level Voltage
High Level Voltage
Low Level Voltage
XC6215x302
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
VIN=4.0V , IOUT =1m A
CIN=1.0μF(ceram ic),CL=0.1μF(ceram ic)
XC6215x502
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
VIN=6.0V , IOUT =1m A
CIN=1.0μF(ceram ic),CL=0.1μF(ceram ic)
High Level Voltage
Low Level Voltage
High Level Voltage
Low Level Voltage
XC6215x502
0.0
0.3
0.6
0.9
1.2
1.5
1.8
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
                 
VIN=VCE=6.0V
CIN=1.0μF(ceram ic),CL=0.1μF(ceram ic)
XC6215x302
0.0
0.3
0.6
0.9
1.2
1.5
-50
-25
0
25
50
75
100
Ambient Temperature Ta (℃)
                 
VIN=VCE=4.0V
CIN=1.0μF(ceram ic),CL=0.1μF(ceram ic)


Similar Part No. - XC6215B092HR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215B092HR TOREX-XC6215B092HR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B092HR-G TOREX-XC6215B092HR-G Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
More results

Similar Description - XC6215B092HR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6215 TOREX-XC6215_1 Datasheet
541Kb / 32P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215B282NR TOREX-XC6215B282NR Datasheet
674Kb / 36P
   0.8關A Low Power Consumption Voltage Regulator with ON/OFF Switch
XC6215 TOREX-XC6215 Datasheet
624Kb / 31P
   0.8uA Low Power Consumption Voltage Regulator with ON/OFF Switch
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com