Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA075 Datasheet(PDF) 58 Page - Actel Corporation

Part # APA075
Description  Ultra-Fast Local and Long-Line Network
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA075 Datasheet(HTML) 58 Page - Actel Corporation

Back Button APA075 Datasheet HTML 54Page - Actel Corporation APA075 Datasheet HTML 55Page - Actel Corporation APA075 Datasheet HTML 56Page - Actel Corporation APA075 Datasheet HTML 57Page - Actel Corporation APA075 Datasheet HTML 58Page - Actel Corporation APA075 Datasheet HTML 59Page - Actel Corporation APA075 Datasheet HTML 60Page - Actel Corporation APA075 Datasheet HTML 61Page - Actel Corporation APA075 Datasheet HTML 62Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 54
v5.2
Embedded Memory Specifications
This section discusses ProASICPLUS SRAM/FIFO embedded
memory and its interface signals, including timing
diagrams that show the relationships of signals as they
pertain to single embedded memory blocks (Table 1-49).
Table 1-12 on page 1-23 shows basic SRAM and FIFO
configurations. Simultaneous read and write to the same
location must be done with care. On such accesses the DI
bus is output to the DO bus. Refer to the ProASICPLUS
RAM and FIFO Blocks application note for more
information.
Enclosed Timing Diagrams—SRAM Mode:
"Synchronous SRAM Read, Access Timed Output
Strobe (Synchronous Transparent)" section on
page 1-55
"Synchronous SRAM Read, Pipeline Mode Outputs
(Synchronous Pipelined)" section on page 1-56
"Asynchronous SRAM Write" section on page 1-57
"Asynchronous SRAM Read, Address Controlled,
RDB=0" section on page 1-58
"Asynchronous SRAM Read, RDB Controlled"
section on page 1-59
"Synchronous SRAM Write"
Embedded Memory Specifications
The difference between synchronous transparent and
pipeline modes is the timing of all the output signals
from the memory. In transparent mode, the outputs will
change within the same clock cycle to reflect the data
requested by the currently valid access to the memory. If
clock cycles are short (high clock speed), the data
requires most of the clock cycle to change to valid values
(stable signals). Processing of this data in the same clock
cycle is nearly impossible. Most designers add registers at
all outputs of the memory to push the data processing
into the next clock cycle. An entire clock cycle can then
be used to process the data. To simplify use of this
memory
setup,
suitable
registers
have
been
implemented as part of the memory primitive and are
available to the user in the synchronous pipeline mode.
In this mode, the output signals will change shortly after
the second rising edge, following the initiation of the
read access.
Table 1-49 • Memory Block SRAM Interface Signals
SRAM Signal
Bits
In/Out
Description
WCLKS
1
In
Write clock used on synchronization on write side
RCLKS
1
In
Read clock used on synchronization on read side
RADDR<0:7>
8
In
Read address
RBLKB
1
In
True read block select (active Low)
RDB
1
In
True read pulse (active Low)
WADDR<0:7>
8
In
Write address
WBLKB
1
In
Write block select (active Low)
DI<0:8>
9
In
Input data bits <0:8>, <8> can be used for parity In
WRB
1
In
Negative true write pulse
DO<0:8>
9
Out
Output data bits <0:8>, <8> can be used for parity Out
RPE
1
Out
Read parity error (active High)
WPE
1
Out
Write parity error (active High)
PARODD
1
In
Selects Odd parity generation/detect when high, Even when low
Note: Not all signals shown are used in all modes.


Similar Part No. - APA075

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075 ACTEL-APA075 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA075 ACTEL-APA075 Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
logo
Microsemi Corporation
APA075 MICROSEMI-APA075 Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
APA075 MICROSEMI-APA075 Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA075 ACTEL-APA075 Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results

Similar Description - APA075

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3258 STMICROELECTRONICS-AN3258 Datasheet
180Kb / 16P
   Local interconnect network
logo
Texas Instruments
TLIN1021-Q1 TI1-TLIN1021-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_06 Datasheet
377Kb / 10P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
   Local Area Network ATM Transceiver
logo
Motorola, Inc
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
   Automotive Local Interconnect Network Physical Interface
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
List of Unclassifed Man...
HYC9068 ETC1-HYC9068 Datasheet
224Kb / 4P
   ARCNET Local area network driver land
logo
Stanford Microdevices
COM9026 STANFORD-COM9026 Datasheet
1Mb / 12P
   LOCAL AREA NETWORK CONTROLLER LANC-TM
logo
Intersil Corporation
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com