Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA075-TQ144I Datasheet(PDF) 76 Page - Actel Corporation

Part # APA075-TQ144I
Description  Ultra-Fast Local and Long-Line Network
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA075-TQ144I Datasheet(HTML) 76 Page - Actel Corporation

Back Button APA075-TQ144I Datasheet HTML 72Page - Actel Corporation APA075-TQ144I Datasheet HTML 73Page - Actel Corporation APA075-TQ144I Datasheet HTML 74Page - Actel Corporation APA075-TQ144I Datasheet HTML 75Page - Actel Corporation APA075-TQ144I Datasheet HTML 76Page - Actel Corporation APA075-TQ144I Datasheet HTML 77Page - Actel Corporation APA075-TQ144I Datasheet HTML 78Page - Actel Corporation APA075-TQ144I Datasheet HTML 79Page - Actel Corporation APA075-TQ144I Datasheet HTML 80Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 72
v5.2
FIFO Reset
Notes:
1. During rest, the enables (WRB and RBD) must be high OR the clocks (WCLKS and RCKLS) must be low.
2. The plot shows the normal operation status.
Figure 1-48 • FIFO Reset
Table 1-66 • TJ = 0°C to 110°C; VDD = 2.3 V to 2.7 V for Commercial/industrial
TJ = –55°C to 150°C, VDD = 2.3 V to 2.7 V for Military/MIL-STD-883
Symbol txxx
Description
Min.
Max.
Units
Notes
CBRSH1
WCLKS or RCLKS
↑ hold from RESETB ↑
1.5
ns
Synchronous mode only
CBRSS1
WCLKS or RCLKS
↓ setup to RESETB ↑
1.5
ns
Synchronous mode only
ERSA
New EMPTY
↑ access from RESETB ↓
3.0
ns
FRSA
FULL
↓ access from RESETB ↓
3.0
ns
RSL
RESETB low phase
7.5
ns
THRSA
EQTH or GETH access from RESETB
4.5
ns
WBRSH1
WB
↓ hold from RESETB ↑
1.5
ns
Asynchronous mode only
WBRSS1
WB
↑ setup to RESETB ↑
1.5
ns
Asynchronous mode only
Notes:
1. During rest, the enables (WRB and RBD) must be high OR the clocks (WCLKS and RCKLS) must be low.
2. All –F speed grade devices are 20% slower than the standard numbers.
RESETB
EMPTY
EQTH, GETH
FULL
WRB/RBD1
Cycle Start
Cycle Start
WCLKS, RCLKS1
tERSA, tFRSA
tTHRSA
tCBRSS
tWBRSS
tCBRSH
tWBRSH
tRSL


Similar Part No. - APA075-TQ144I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA075-TQ1152ES ACTEL-APA075-TQ1152ES Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA075-TQ1152I ACTEL-APA075-TQ1152I Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA075-TQ1152PP ACTEL-APA075-TQ1152PP Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
More results

Similar Description - APA075-TQ144I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3258 STMICROELECTRONICS-AN3258 Datasheet
180Kb / 16P
   Local interconnect network
logo
Texas Instruments
TLIN1021-Q1 TI1-TLIN1021-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
logo
Cypress Semiconductor
CY7B951 CYPRESS-CY7B951 Datasheet
150Kb / 9P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_06 Datasheet
377Kb / 10P
   Local Area Network ATM Transceiver
CY7B951 CYPRESS-CY7B951_11 Datasheet
483Kb / 17P
   Local Area Network ATM Transceiver
logo
Motorola, Inc
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
   Automotive Local Interconnect Network Physical Interface
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
List of Unclassifed Man...
HYC9068 ETC1-HYC9068 Datasheet
224Kb / 4P
   ARCNET Local area network driver land
logo
Stanford Microdevices
COM9026 STANFORD-COM9026 Datasheet
1Mb / 12P
   LOCAL AREA NETWORK CONTROLLER LANC-TM
logo
Intersil Corporation
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com