Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1425A-1CQ132B Datasheet(PDF) 9 Page - Actel Corporation

Part # A1425A-1CQ132B
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1425A-1CQ132B Datasheet(HTML) 9 Page - Actel Corporation

Back Button A1425A-1CQ132B Datasheet HTML 5Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 6Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 7Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 8Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 9Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 10Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 11Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 12Page - Actel Corporation A1425A-1CQ132B Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
9
Hi R e l F P GA s
Ac t e l Ex t end ed Fl ow 1
Notes:
1.
Actel offers the extended flow for customers who require additional screening beyond the requirements of the MIL-STD-833, Class B. Actel is
compliant to the requirements of MIL-STD-883, Paragraph 1.2.1, and MIL-I-38535, Appendix A. Actel is offering this extended flow
incorporating the majority of the screening procedures as outlined in Method 5004 of MIL-STD-883, Class S. The exceptions to Method 5004
are shown in notes 2 and 3 below.
2.
Wafer lot acceptance is performed to Method 5007; however, the step coverage requirement as specified in Method 2018 must be waived.
3.
MIL-STD-883, Method 5004 requires 100 percent Radiation latch-up testing (Method 1020). Actel will not be performing any radiation testing,
and this requirement must be waived in its entirety.
Step
Screen
Method
Require-
ment
1.
Wafer Lot Acceptance2
5007 with Step Coverage Waiver
All Lots
2.
Destructive In-Line Bond Pull3
2011, Condition D
Sample
3.
Internal Visual
2010, Condition A
100%
4.
Serialization
100%
5.
Temperature Cycling
1010, Condition C
100%
6.
Constant Acceleration
2001, Condition D or E, Y1 Orientation Only
100%
7.
Particle Impact Noise Detection
2020, Condition A
100%
8.
Radiographic
2012 (one view only)
100%
9.
Pre-Burn-In Test
In accordance with applicable Actel device specification
100%
10.
Burn-in Test
1015, Condition D, 240 hours @ 125°C minimum
100%
11.
Interim (Post-Burn-In) Electrical Parameters
In accordance with applicable Actel device specification
100%
12.
Reverse Bias Burn-In
1015, Condition C, 72 hours @ 150°C minimum
100%
13.
Interim (Post-Burn-In) Electrical Parameters
In accordance with applicable Actel device specification
100%
14.
Percent Defective Allowable (PDA)
Calculation
5%, 3% Functional Parameters @ 25°C
All Lots
15.
Final Electrical Test
a. Static Tests
(1) 25°C
(Subgroup 1, Table1)
(2) –55°C and +125°C
(Subgroups 2, 3, Table 1)
b. Functional Tests
(1) 25°C
(Subgroup 7, Table 15)
(2) –55°C and +125°C
(Subgroups 8A and B, Table 1)
c. Switching Tests at 25°C
(Subgroup 9, Table 1)
In accordance with Actel applicable device specification
which includes a, b, and c:
5005
5005
5005
5005
5005
100%
100%
100%
100%
16.
Seal
a. Fine
b. Gross
1014
100%
17.
External Visual
2009
100%


Similar Part No. - A1425A-1CQ132B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1425A-1CQ132B ACTEL-A1425A-1CQ132B Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1425A-1CQ132B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A10V20B-PL84C ACTEL-A10V20B-PL84C Datasheet
1Mb / 98P
   Highly Predictable Performance with 100 Automatic Placement and Routing
A1020B-PL44C ACTEL-A1020B-PL44C Datasheet
1Mb / 98P
   Highly Predictable Performance with Automatic Placement and Routing
logo
Everlight Electronics C...
EAST16086GA7 EVERLIGHT-EAST16086GA7 Datasheet
332Kb / 9P
   Compatible with automatic placement equipment.
EASRL3216GA3 EVERLIGHT-EASRL3216GA3 Datasheet
909Kb / 11P
   Compatible with automatic placement equipment.
EASR3216BA3 EVERLIGHT-EASR3216BA3 Datasheet
934Kb / 9P
   Compatible with automatic placement equipment.
EASV1810RA1 EVERLIGHT-EASV1810RA1 Datasheet
414Kb / 10P
   Compatible with automatic placement equipment.
EASV2010RGA1 EVERLIGHT-EASV2010RGA1 Datasheet
453Kb / 13P
   Compatible with automatic placement equipment.
EASV1706YA0 EVERLIGHT-EASV1706YA0 Datasheet
371Kb / 10P
   Compatible with automatic placement equipment.
EASV3015BA2 EVERLIGHT-EASV3015BA2 Datasheet
263Kb / 10P
   Compatible with automatic placement equipment.
EASV3015RGBA4 EVERLIGHT-EASV3015RGBA4 Datasheet
695Kb / 13P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com