Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1425A-PG133B Datasheet(PDF) 39 Page - Actel Corporation

Part # A1425A-PG133B
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1425A-PG133B Datasheet(HTML) 39 Page - Actel Corporation

Back Button A1425A-PG133B Datasheet HTML 35Page - Actel Corporation A1425A-PG133B Datasheet HTML 36Page - Actel Corporation A1425A-PG133B Datasheet HTML 37Page - Actel Corporation A1425A-PG133B Datasheet HTML 38Page - Actel Corporation A1425A-PG133B Datasheet HTML 39Page - Actel Corporation A1425A-PG133B Datasheet HTML 40Page - Actel Corporation A1425A-PG133B Datasheet HTML 41Page - Actel Corporation A1425A-PG133B Datasheet HTML 42Page - Actel Corporation A1425A-PG133B Datasheet HTML 43Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
39
Hi R e l F P GA s
A1 42 5A T i m i n g C har a c t e r i st i c s (continued)
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
Routed Array Clock Networks
tRCKH
Input Low to High (FO=64)
5.5
6.4
ns
tRCKL
Input High to Low (FO=64)
6.0
7.0
ns
tRPWH
Min. Pulse Width High (FO=64)
4.9
5.7
ns
tRPWL
Min. Pulse Width Low (FO=64)
4.9
5.7
ns
tRCKSW
Maximum Skew (FO=128)
1.1
1.2
ns
tRP
Minimum Period (FO=64)
10.1
11.6
ns
fRMAX
Maximum Frequency (FO=64)
100
85
MHz
Clock-to-Clock Skews
tIOHCKSW
I/O Clock to H-Clock Skew
0.0
3.0
0.0
3.0
ns
tIORCKSW
I/O Clock to R-Clock Skew
0.0
3.0
0.0
3.0
ns
tHRCKSW
H-Clock to R-Clock Skew
(FO = 64)
(FO = 50% max.)
0.0
0.0
1.0
3.0
0.0
0.0
1.0
3.0
ns
ns


Similar Part No. - A1425A-PG133B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1425A-PG133B ACTEL-A1425A-PG133B Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1425A-PG133B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A10V20B-PL84C ACTEL-A10V20B-PL84C Datasheet
1Mb / 98P
   Highly Predictable Performance with 100 Automatic Placement and Routing
A1020B-PL44C ACTEL-A1020B-PL44C Datasheet
1Mb / 98P
   Highly Predictable Performance with Automatic Placement and Routing
logo
Everlight Electronics C...
EAST16086GA7 EVERLIGHT-EAST16086GA7 Datasheet
332Kb / 9P
   Compatible with automatic placement equipment.
EASRL3216GA3 EVERLIGHT-EASRL3216GA3 Datasheet
909Kb / 11P
   Compatible with automatic placement equipment.
EASR3216BA3 EVERLIGHT-EASR3216BA3 Datasheet
934Kb / 9P
   Compatible with automatic placement equipment.
EASV1810RA1 EVERLIGHT-EASV1810RA1 Datasheet
414Kb / 10P
   Compatible with automatic placement equipment.
EASV2010RGA1 EVERLIGHT-EASV2010RGA1 Datasheet
453Kb / 13P
   Compatible with automatic placement equipment.
EASV1706YA0 EVERLIGHT-EASV1706YA0 Datasheet
371Kb / 10P
   Compatible with automatic placement equipment.
EASV3015BA2 EVERLIGHT-EASV3015BA2 Datasheet
263Kb / 10P
   Compatible with automatic placement equipment.
EASV3015RGBA4 EVERLIGHT-EASV3015RGBA4 Datasheet
695Kb / 13P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com