Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBRD8360G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SBRD8360G
Description  SWITCHMODE Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBRD8360G Datasheet(HTML) 2 Page - ON Semiconductor

  SBRD8360G Datasheet HTML 1Page - ON Semiconductor SBRD8360G Datasheet HTML 2Page - ON Semiconductor SBRD8360G Datasheet HTML 3Page - ON Semiconductor SBRD8360G Datasheet HTML 4Page - ON Semiconductor SBRD8360G Datasheet HTML 5Page - ON Semiconductor SBRD8360G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRD320G, SBRD8320G, MBRD330G, SBRD8330G, MBRD340G, SBRD8340G,
MBRD350G, SBRD8350G, MBRD360G, SBRD8360G
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MBRD/SBRD8
Unit
320
330
340
350
360
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
Average Rectified Forward Current (TC = +125C, Rated VR)
IF(AV)
3
A
Peak Repetitive Forward Current, TC = +125C
(Rated VR, Square Wave, 20 kHz)
IFRM
6
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
75
A
Peak Repetitive Reverse Surge Current (2 ms, 1 kHz)
IRRM
1
A
Operating Junction Temperature Range (Note 1)
TJ
−65 to +175
C
Storage Temperature Range
Tstg
−65 to +175
C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Thermal Resistance, Junction−to−Case
RqJC
6
C/W
Maximum Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
80
C/W
2. Rating applies when surface mounted on the minimum pad size recommended.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 3)
iF = 3 Amps, TC = +25C
iF = 3 Amps, TC = +125C
iF = 6 Amps, TC = +25C
iF = 6 Amps, TC = +125C
VF
0.6
0.45
0.7
0.625
V
Maximum Instantaneous Reverse Current (Note 3)
(Rated dc Voltage, TC = +25C)
(Rated dc Voltage, TC = +125C)
iR
0.2
20
mA
3. Pulse Test: Pulse Width = 300 ms, Duty Cycle  2.0%.
ORDERING INFORMATION
Device
Package
Shipping
MBRD320G
DPAK
(Pb−Free)
75 Units / Rail
SBRD8320G
DPAK
(Pb−Free)
75 Units / Rail
MBRD320RLG
DPAK
(Pb−Free)
1,800 Tape & Reel
MBRD320T4G
DPAK
(Pb−Free)
2,500 Tape & Reel
SBRD8320T4G
DPAK
(Pb−Free)
2,500 Tape & Reel
MBRD330G
DPAK
(Pb−Free)
75 Units / Rail
SBRD8330G
DPAK
(Pb−Free)
75 Units / Rail


Similar Part No. - SBRD8360G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBRD8360G ONSEMI-SBRD8360G Datasheet
140Kb / 6P
   SWITCHMODE Power Rectifiers
January, 2012 ??Rev. 8
SBRD8360G ONSEMI-SBRD8360G Datasheet
63Kb / 6P
   Switch-mode Power Rectifiers
October, 2016 ??Rev. 9
More results

Similar Description - SBRD8360G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com