Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR88C681N40 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR88C681N40
Description  CMOS DUAL CHANNEL UART (DUART)
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C681N40 Datasheet(HTML) 3 Page - Exar Corporation

  XR88C681N40 Datasheet HTML 1Page - Exar Corporation XR88C681N40 Datasheet HTML 2Page - Exar Corporation XR88C681N40 Datasheet HTML 3Page - Exar Corporation XR88C681N40 Datasheet HTML 4Page - Exar Corporation XR88C681N40 Datasheet HTML 5Page - Exar Corporation XR88C681N40 Datasheet HTML 6Page - Exar Corporation XR88C681N40 Datasheet HTML 7Page - Exar Corporation XR88C681N40 Datasheet HTML 8Page - Exar Corporation XR88C681N40 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
XR88C681
1
  
PIN CONFIGURATION
;
#,

22
5
5.9:
5
5
7

1

/
1
<
B
6

5*
5*
,
,



1
<
6
/
>
#7
07
28 Lead PDIP (0.600”)


1
<
6
/
>
=


=
>
/
6
<
1





=

>
6
/
>
=


/
6
<
1




1
<
6
/
>
=


<
1
1=
1>
1/
16
1<
11
1
1


1
<
1

=
>
40 Lead PDIP, CDIP (0.600”)
<
/
#7
,/


,
,
,<
5.9:
5
5
5
#,

22
#,<.#2#
#,6.#2
#,/.#:
;
6
>
07
,>

1
,
,1
,6

5*
5*
B

1
#,
#,1

#,

XR-68C681CJ
PLCC

22
5
5.9:
5
7
5
,
,
,<
,6
,1
,
5*
7
5*

B
#,
1
44 Lead PLCC
,>
,/
1
1=
1>
1/
16
1<
11
1
1
1

>
=




1
<
6
/
>


Similar Part No. - XR88C681N40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681N EXAR-XR88C681N Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
XR88C681N/40 EXAR-XR88C681N/40 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681N/40 EXAR-XR88C681N/40 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
More results

Similar Description - XR88C681N40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681 EXAR-XR88C681 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR68C681 EXAR-XR68C681 Datasheet
1Mb / 75P
   CMOS Dual Channel UART (DUART)
XR68C681J-F EXAR-XR68C681J-F Datasheet
1Mb / 75P
   CMOS Dual Channel UART(DUART)
XR88C681 EXAR-XR88C681_06 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
XR82C684CJ-F EXAR-XR82C684CJ-F Datasheet
2Mb / 107P
   CMOS Quad Channel UART(QUART)
logo
IMP, Inc
EI68C681 IMP-EI68C681 Datasheet
37Kb / 2P
   DUAL UART
logo
A1 PROs co., Ltd.
EI68C681 A1PROS-EI68C681 Datasheet
44Kb / 2P
   DUAL UART
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
logo
Texas Instruments
TL16C752CI-Q1 TI1-TL16C752CI-Q1_16 Datasheet
1Mb / 57P
[Old version datasheet]   Dual UART
logo
NXP Semiconductors
SCC2681T PHILIPS-SCC2681T Datasheet
108Kb / 15P
   Dual asynchronous receiver/transmitter (DUART)
2004 Apr 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com