Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1D Datasheet(PDF) 3 Page - Diodes Incorporated

Part # US1D
Description  1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US1D Datasheet(HTML) 3 Page - Diodes Incorporated

  US1D Datasheet HTML 1Page - Diodes Incorporated US1D Datasheet HTML 2Page - Diodes Incorporated US1D Datasheet HTML 3Page - Diodes Incorporated US1D Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
US1A - US1M
Document number: DS16008 Rev. 10 - 2
3 of 4
www.diodes.com
October 2011
© Diodes Incorporated
US1A - US1M
0
10
20
30
40
110
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Forward Surge Current Derating Curve
0.01
0.1
1.0
10
100
1,000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 100 C
j
°
T = 25 C
j
°
Package Outline Dimensions
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.05
0.20
H
0.76
1.52
J
2.01
2.30
All Dimensions in mm
A
B
C
D
G
H
E
J


Similar Part No. - US1D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
US1D DIOTEC-US1D Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
Pan Jit International I...
US1D PANJIT-US1D Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
DONGGUAN YOU FENG WEI E...
US1D YFWDIODE-US1D Datasheet
731Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Vishay Siliconix
US1D VISHAY-US1D Datasheet
84Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 30-Oct-13
logo
Won-Top Electronics
US1D WTE-US1D Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - US1D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
   1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1B-13-F DIODES-US1B-13-F Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1JDFQ DIODES-US1JDFQ Datasheet
414Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1GWF DIODES-US1GWF Datasheet
526Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1J-13-F DIODES-US1J-13-F Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1J-13 DIODES-US1J-13 Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 DIODES-DS16008 Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
US1A DIODES-US1A_09 Datasheet
148Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 9 - 2
US1NWF DIODES-US1NWF Datasheet
437Kb / 5P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com