Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZ9717 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZ9717
Description  SURFACE MOUNT LOW CURRENT ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ9717 Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZ9717 Datasheet HTML 1Page - Diodes Incorporated DDZ9717 Datasheet HTML 2Page - Diodes Incorporated DDZ9717 Datasheet HTML 3Page - Diodes Incorporated DDZ9717 Datasheet HTML 4Page - Diodes Incorporated DDZ9717 Datasheet HTML 5Page - Diodes Incorporated DDZ9717 Datasheet HTML 6Page - Diodes Incorporated DDZ9717 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DDZ9678 - DDZ9717
Document number: DS30410 Rev. 15 - 2
2 of 7
www.diodes.com
November 2013
© Diodes Incorporated
DDZ9678 - DDZ9717
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Forward Voltage @ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 7)
PD
500
mW
Thermal Resistance, Junction to Ambient Air (Note 7)
RθJA
305
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Type
Number
Type
Code
Zener Voltage Range (Note 8)
Maximum Reverse
Leakage Current (Note 9)
VZ @ IZT
IZT
IR @ VR
Nom (V)
Min (V)
Max (V)
µA
µA
V
DDZ9678
D1
1.8
1.71
1.89
50
7.5
1
DDZ9681 (Note 10)
H9
2.4
2.28
2.52
50
2
1
DDZ9682 (Note 10)
HA
2.7
2.565
2.835
50
1
1
DDZ9683
HB
3.0
2.85
3.15
50
0.8
1
DDZ9684 (Note 10)
HC
3.3
3.13
3.47
50
7.5
1.5
DDZ9685 (Note 10)
HD
3.6
3.42
3.78
50
7.5
2
DDZ9686 (Note 10)
HE
3.9
3.70
4.10
50
5
2
DDZ9687 (Note 10)
HF
4.3
4.09
4.52
50
4
2
DDZ9688 (Note 10)
HG
4.7
4.47
4.94
50
5
3
DDZ9689 (Note 10)
HH
5.1
4.85
5.36
50
5
3
DDZ9690 (Note 10)
HJ
5.6
5.32
5.88
50
2
4
DDZ9691
HK
6.2
5.89
6.51
50
1
5
DDZ9692
HL
6.8
6.46
7.14
50
0.1
5.1
DDZ9693 (Note 10)
HM
7.5
7.13
7.88
50
0.1
5.7
DDZ9694 (Note 10)
HN
8.2
7.79
8.61
50
0.1
6.2
DDZ9696 (Note 10)
HP
9.1
8.65
9.56
50
0.1
6.9
DDZ9697 (Note 10)
HQ
10
9.50
10.50
50
0.1
7.6
DDZ9698
HR
11
10.45
11.55
50
0.05
8.4
DDZ9699 (Note 10)
HS
12
11.40
12.60
50
0.05
9.1
DDZ9700 (Note 10)
HT
13
12.35
13.65
50
0.05
9.8
DDZ9701 (Note 10)
HU
14
13.30
14.70
50
0.05
10.6
DDZ9702
HV
15
14.25
15.75
50
0.05
11.4
DDZ9703
HW
16
15.20
16.80
50
0.05
12.1
DDZ9704 (Note 10)
H8
17
16.15
17.85
50
0.05
12.9
DDZ9705
HY
18
17.10
18.90
50
0.05
13.6
DDZ9707
MD
20
19.00
21.00
50
0.05
15.2
DDZ9708
ME
22
20.90
23.10
50
0.05
16.7
DDZ9709
MF
24
22.80
25.20
50
0.05
18.2
DDZ9711
MH
27
25.65
28.35
50
0.05
20.4
DDZ9712
MJ
28
26.60
29.40
50
0.05
21.2
DDZ9713
MK
30
28.50
31.50
50
0.05
22.8
DDZ9714
ML
33
31.35
34.65
50
0.05
25.0
DDZ9715
MM
36
34.20
37.80
50
0.05
27.3
DDZ9716
MN
39
37.05
40.95
50
0.05
29.6
DDZ9717
MO
43
40.85
45.15
50
0.05
32.6
Notes:
7. Device mounted on ceramic PCB = 7.6mm x 9.4mm x 0.87mm with pad areas 25mm
2 at TA = +25°C or mounted on FR-5 = 3.5x1.5 inches with
recommended pad layout, which can be found on our website at http://www.diodes.com, at TL = +75°C.
8. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TT = +30°C ±1°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Qualified to AEC-Q101 Standards for High Reliability. Please contact the Diodes, Inc. sales department for assistance in ordering any products
expected to meet automotive requirements.


Similar Part No. - DDZ9717

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9717 DIODES-DDZ9717 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
DDZ9717 DIODES-DDZ9717 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9717 DIODES-DDZ9717 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9717 DIODES-DDZ9717 Datasheet
343Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9717-7 DIODES-DDZ9717-7 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
More results

Similar Description - DDZ9717

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9691Q-13 DIODES-DDZ9691Q-13 Datasheet
132Kb / 4P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9678 DIODES-DDZ9678_15 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9678 DIODES-DDZ9678_17 Datasheet
343Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
logo
First Components Intern...
1ZS110 FCI-1ZS110 Datasheet
122Kb / 2P
   1.0 WATT SURFACE MOUNT ZENER DIODE LOW ZENER IMPEDANCE
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com