Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70IMX35D05D15-8 Datasheet(PDF) 1 Page - Power-One

Part # 70IMX35D05D15-8
Description  IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

70IMX35D05D15-8 Datasheet(HTML) 1 Page - Power-One

  70IMX35D05D15-8 Datasheet HTML 1Page - Power-One 70IMX35D05D15-8 Datasheet HTML 2Page - Power-One 70IMX35D05D15-8 Datasheet HTML 3Page - Power-One 70IMX35D05D15-8 Datasheet HTML 4Page - Power-One 70IMX35D05D15-8 Datasheet HTML 5Page - Power-One 70IMX35D05D15-8 Datasheet HTML 6Page - Power-One 70IMX35D05D15-8 Datasheet HTML 7Page - Power-One 70IMX35D05D15-8 Datasheet HTML 8Page - Power-One 70IMX35D05D15-8 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
®
IMX35 Series Data Sheet
35 Watt Quad-Output DC-DC Converters
BCD20009-G Rev AC, 06-May-2013
Page 1 of 15
Description
The IMX35 Series of board-mountable, 35 Watt DC-DC
converters has been designed according to the latest industry
requirements and standards. The converters are particularly
suitable for use in mobile or stationary applications in
transport, railways, industry, or telecommunication, where
variable input voltages or high transient voltages are
prevalent.
Covering a total input voltage range from 9 V up to 150 V with
4 different models, the converters are available with up to four
electrically isolated outputs from 5 V to 60 V, externally
adjustable and with flexible load distribution. A shutdown input
allows remote converter on/off. Features include consistently
high efficiency over the entire input voltage range, high
reliability, and excellent dynamic response to load and line
changes.
The converters are designed and built according to the
international safety standards IEC/EN/UL 60950, and
approved by TÜV and CSA. The converters provide basic
insulation.
The circuit is comprised of 2 planar magnetics devices, and all
components are automatically assembled and securly
soldered onto a single PCB without any wire connection.
Magnetic
feedback
ensures
maximum
reliability
and
repeatability in the control loop over all operating conditions.
Careful considerations of possible thermal stresses ensure
the absence of hot spots providing long life in environments,
where temperature cycles are present. The thermal design
without using any potting material allows operation at full load
up to an ambient temperature of 71 °C in free air and operation
up to 105 °C with airflow. For extremely high vibration
environments the case has holes for screw mounting.
Features
• RoHS lead-free-solder and lead-solder-exempted
products are available.
• Extremely wide input voltage ranges up to 150 VDC
• 4 outputs up to 60 V
• 1200 to 1800 VAC i/o electric strength test
• Electrical isolation between outputs
• Programmable input undervoltage lockout
• Shutdown/inhibit input
• Adjustable output voltages with flexible load distribution
• Frequency synchronization
• Outputs no-load, overload, and short-circuit proof
• Operating ambient temperature from – 40 to 85 °C
• Thermal protection
• Low profile: 10.5 mm or 8.9 mm with open frame
• Basic insulation
• Flexible output possibilities between 5 V and 60 V
Table of Contents
Page
Page
Safety-approved to IEC/EN 60950 -1 and UL/CSA
60950-1 2nd Ed.
72.8
2.87"
47.8
1.88"
8.9
0.35"
76.2
3"
63.5
2.5"
10.5
0.41"
Description ............................................................................. 1
Model Selection ..................................................................... 2
Functional Description ........................................................... 3
Electrical Input Data ............................................................... 4
Electrical Output Data ............................................................ 6
Auxiliary Functions ................................................................. 9
Electromagnetic Compatibility (EMC) .................................. 11
Immunity to Environmental Conditions ................................ 12
Mechanical Data .................................................................. 13
Safety and Installation Instructions ...................................... 14
Options ................................................................................. 15


Similar Part No. - 70IMX35D05D15-8

ManufacturerPart #DatasheetDescription
logo
Power-One
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
70IMX35D05D15-8G BEL-70IMX35D05D15-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
More results

Similar Description - 70IMX35D05D15-8

ManufacturerPart #DatasheetDescription
logo
Power-One
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
IMX35 BEL-IMX35 Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com