Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP320F28376DPTPT Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP320F28376DPTPT
Description  TMS320F2837XD Dual-Core Delfino Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320F28376DPTPT Datasheet(HTML) 4 Page - Texas Instruments

  TMP320F28376DPTPT Datasheet HTML 1Page - Texas Instruments TMP320F28376DPTPT Datasheet HTML 2Page - Texas Instruments TMP320F28376DPTPT Datasheet HTML 3Page - Texas Instruments TMP320F28376DPTPT Datasheet HTML 4Page - Texas Instruments TMP320F28376DPTPT Datasheet HTML 5Page - Texas Instruments TMP320F28376DPTPT Datasheet HTML 6Page - Texas Instruments TMP320F28376DPTPT Datasheet HTML 7Page - Texas Instruments TMP320F28376DPTPT Datasheet HTML 8Page - Texas Instruments TMP320F28376DPTPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
16-/12-bit ADC
x4
Analog
Mux
ADC
Result
Regs
Peripheral Frame 1
Global Shared
16x 4Kx16
GS0-GS15 RAMs
CPU1 to CPU2
1Kx16 MSG RAM
GPIO MUX
PUMP
OTP/Flash
Wrapper
CPU1.M0 RAM 1Kx16
CPU1.M1 RAM 1Kx16
CPU2.M0 RAM 1Kx16
CPU2.M1 RAM 1Kx16
IPC
FLASH
256Kx16
Secure
OTP/Flash
Wrapper
FLASH
256Kx16
Secure
Dual
Code
Security
Module
+
ECSL
Dual
Code
Security
Module
+
ECSL
User OTP
1Kx16
PSWD
PSWD
Secure Memories
shown in Blue
User OTP
1Kx16
MEMCPU2
CPU2 to CPU1
1Kx16 MSG RAM
MEMCPU1
ADCINCAL0
A5:0
B5:0
C5:2
ADCINCAL1
CPU1 Buses
CPU2 Buses
SCI-
A/B/C/D
(16L FIFO)
I2C-A/B
(16L FIFO)
D5:0
Comparator
SubSystem
(CMPSS)
DAC
x3
Config
C28 CPU-1
FPU
VCU-II
TMU
CPU Timer 0
CPU Timer 1
CPU Timer 2
ePIE
(up to 192
interrupts)
WD Timer
NMI-WDT
C28 CPU-2
FPU
VCU-II
TMU
CPU Timer 0
CPU Timer 1
CPU Timer 2
ePIE
(up to 192
interrupts)
WD Timer
NMI-WDT
CPU1.CLA1 Data ROM
(4Kx16)
CPU1.CLA1 to CPU1
128x16 MSG RAM
CPU1 to CPU1.CLA1
128x16 MSG RAM
CPU1.D0 RAM 2Kx16
CPU1.D1 RAM 2Kx16
Boot-ROM 32Kx16
Non Secure
Secure-ROM 32Kx16
Secure
CPU1 Local Shared
6x 2Kx16
LS0-LS5 RAMs
CPU2 to CPU2.CLA1
128x16 MSG RAM
CPU2.CLA1 to CPU2
128x16 MSG RAM
CPU2.D0 RAM 2Kx16
CPU2.D1 RAM 2Kx16
CPU2.CLA1 Data ROM
(4Kx16)
Boot-ROM 32Kx16
Non Secure
Secure-ROM 32Kx16
Secure
CPU2 Local Shared
2Kx16
LS0-LS5 RAMs
CPU1.CLA1
CPU1.DMA
CPU2.DMA
CPU2.CLA1
Data Bus
Bridge
Data Bus Bridge
ePWM-1/../12
eCAP-
1/../6
eQEP-1/2/3
HRPWM-1/../8
SD-1/../8
CAN-
A/B
(32-mbox)
Data Bus
Bridge
McBSP-
A/B
uPP
RAM
Peripheral Frame 2
SPI-
A/B/C
(16L FIFO)
GPIO
Data Bus
Bridge
Data Bus
Bridge
USB
Ctrl /
PHY
USB
Ctrl /
PHY
EMIF1
Data Bus
Bridge
EMIF2
Data Bus
Bridge
A
B
C
D
JTAG
AUXCLKIN
External Oscillator
Watchdog 1/2
Main PLL
Aux PLL
INTOSC1
INTOSC2
Low-Power
Mode Control
GPIO Mux
TRST
TCK
TDI
TMS
TDO
TMS320F28377D, TMS320F28376D
SPRS880 – DECEMBER 2013
www.ti.com
1.4
Functional Block Diagram
Figure 1-1 shows the CPU system and associated peripherals comprising the F2837xD device.
Figure 1-1. Functional Block Diagram
4
TMS320F2837xD Dual-Core Delfino MCUs
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28377D TMS320F28376D


Similar Part No. - TMP320F28376DPTPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320F2802238A TI-TMP320F2802238A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802238S TI-TMP320F2802238S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248A TI-TMP320F2802248A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248S TI-TMP320F2802248S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802338A TI-TMP320F2802338A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
More results

Similar Description - TMP320F28376DPTPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28379D TI1-TMS320F28379D_V01 Datasheet
2Mb / 222P
[Old version datasheet]   TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI-TMS320F28379D_V03 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI-TMS320F28379D_V02 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
[Old version datasheet]   Dual-Core Delfino??Microcontrollers
TMS320F28377D-EP TI-TMS320F28377D-EP_V01 Datasheet
2Mb / 208P
[Old version datasheet]   TMS320F28377D-EP Dual-Core Delfino??Microcontrollers
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com