Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP320F28377DPTPT Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP320F28377DPTPT
Description  TMS320F2837XD Dual-Core Delfino Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320F28377DPTPT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP320F28377DPTPT Datasheet HTML 6Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 7Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 8Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 9Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 10Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 11Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 12Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 13Page - Texas Instruments TMP320F28377DPTPT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
TMS320F28377D, TMS320F28376D
SPRS880 – DECEMBER 2013
www.ti.com
Table 2-3. Addresses of Flash Sectors on CPU1 and CPU2 for F28377D
ADDRESS RANGE
PROGRAM AND DATA SPACE
0x07 0000 – 0x07 03FF
TI OTP (1K x 16)
0x07 8000 – 0x07 83FF
User OTP (1K x 16)
0x08 0000 – 0x08 1FFF
Sector A - 8K x 16
0x08 2000 – 0x08 3FFF
Sector B - 8K x 16
0x08 4000 – 0x08 5FFF
Sector C - 8K x 16
0x08 6000 – 0x08 7FFF
Sector D - 8K x 16
0x08 8000 – 0x08 FFFF
Sector E - 32K x 16
0x09 0000 – 0x09 7FFF
Sector F - 32K x 16
0x09 8000 – 0x09 FFFF
Sector G - 32K x 16
0x0A 0000 – 0x0A 7FFF
Sector H - 32K x 16
0x0A 8000 – 0x0A FFFF
Sector I - 32K x 16
0x0B 0000 – 0x0B 7FFF
Sector J - 32K x 16
0x0B 8000 – 0x0B 9FFF
Sector K - 8K x 16
0x0B A000 – 0x0B BFFF
Sector L - 8K x 16
0x0B C000 – 0x0B DFFF
Sector M - 8K x 16
0x0B E000 – 0x0B FFFF
Sector N - 8K x 16
Table 2-4. Addresses of Flash Sectors on CPU1 and CPU2 for F28376D
ADDRESS RANGE
PROGRAM AND DATA SPACE
0x07 0000 – 0x07 03FF
TI OTP (1K x 16)
0x07 8000 – 0x07 83FF
User OTP (1K x 16)
0x08 0000 – 0x08 1FFF
Sector A - 8K x 16
0x08 2000 – 0x08 3FFF
Sector B - 8K x 16
0x08 4000 – 0x08 5FFF
Sector C - 8K x 16
0x08 6000 – 0x08 7FFF
Sector D - 8K x 16
0x08 8000 – 0x08 FFFF
Sector E - 32K x 16
0x09 0000 – 0x09 7FFF
Sector F - 32K x 16
0x09 8000 – 0x09 FFFF
Sector G - 32K x 16
2.3
Device Identification Registers
Table 2-5. Device Identification Registers
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
PARTIDH
0x0005 D00A
2
Device part identification number
TMS320F28377D
0x00FF 0300
TMS320F28376D
TBD
REVID
0x0005 D00C
2
Silicon revision number
Revision 0
0x0000 0000
Revision A
0x0000 0000
10
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28377D TMS320F28376D


Similar Part No. - TMP320F28377DPTPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320F2802238A TI-TMP320F2802238A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802238S TI-TMP320F2802238S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248A TI-TMP320F2802248A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248S TI-TMP320F2802248S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802338A TI-TMP320F2802338A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
More results

Similar Description - TMP320F28377DPTPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28379D TI1-TMS320F28379D_V01 Datasheet
2Mb / 222P
[Old version datasheet]   TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI-TMS320F28379D_V03 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI-TMS320F28379D_V02 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
[Old version datasheet]   Dual-Core Delfino??Microcontrollers
TMS320F28377D-EP TI-TMS320F28377D-EP_V01 Datasheet
2Mb / 208P
[Old version datasheet]   TMS320F28377D-EP Dual-Core Delfino??Microcontrollers
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com