Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK10081 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10081
Description  10Gbps 1-8 CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10081 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLK10081 Datasheet HTML 28Page - Texas Instruments TLK10081 Datasheet HTML 29Page - Texas Instruments TLK10081 Datasheet HTML 30Page - Texas Instruments TLK10081 Datasheet HTML 31Page - Texas Instruments TLK10081 Datasheet HTML 32Page - Texas Instruments TLK10081 Datasheet HTML 33Page - Texas Instruments TLK10081 Datasheet HTML 34Page - Texas Instruments TLK10081 Datasheet HTML 35Page - Texas Instruments TLK10081 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
TLK10081
SLLSEE9 – NOVEMBER 2013
www.ti.com
Table 6-14. LS PLL Multiplier Control (continued)
6.3:0
6.3:0
VALUE
PLL MULTIPLIER FACTOR
VALUE
PLL MULTIPLIER FACTOR
0011
Reserved
1011
Reserved
0100
8x
1100
Reserved
0101
10x
1101
50x
0110
12x
1110
65x
0111
12.5x
1111
Reserved
Table 6-15. LS_SERDES_CONTROL_2
Register Address:0x07 SPACER Default:0xDD05
Bit(s)
Name
Description
Access
15
RESERVED
For TI use only.
RW
14:12
LS_SWING[2:0]
Output swing control on LS Serdes side. (Default 3’b101)
RW
Refer to Table 6-16.
11
LS_LOS
LS Serdes LOS detector control
RW
0 = Disable Loss of signal detection on LS serdes lane inputs
1 = Enable Loss of signal detection on LS serdes lane inputs (Default 1’b1)
10
LS_TX_ENRX
LS Serdes enable control on the transmit channel. LS Serdes per lane on transmitter
RW
channel is automatically disabled when PD_TRXx_N is asserted LOW or when
register bit 1.15 is set HIGH.
0 = Disables LS serdes lane
1 = Enables LS serdes lane (Default 1’b1)
9:8
LS_TX_RATE [1:0]
LS Serdes lane rate settings on transmit channel.
RW
00 = Full rate
01 = Half rate (Default 2’b01)
10 = Quarter rate
11 = Reserved
7:4
LS_DE[3:0]
LS Serdes De-emphasis settings. (Default 4’b0000)
RW
3
RESERVED
For TI use only .
RW
2
LS_RX_ENTX
LS Serdes lane enable control on receive channel. LS Serdes per lane on receiver
RW
channel is automatically disabled when PD_TRXx_N is asserted LOW or when
register bit 1.15 is set HIGH.
0 = Disables LS serdes lane
1 = Enables LS serdes lane (Default 1’b1)
1:0
LS_RX_RATE [1:0]
LS Serdes lane rate settings on receive channel.
RW
00 = Full rate
01 = Half rate (Default 2’b01)
10 = Quarter rate
11 = Reserved
Table 6-16. LSRX Output AC Mode Output Swing Control
AC MODE
VALUE
7.14:12
TYPICAL AMPLITUDE (mVdfpp)
000
190
001
380
010
560
011
710
100
850
101
950
110
1010
111
1050
32
PROGRAMMERS REFERENCE
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10081


Similar Part No. - TLK10081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK100 TI-TLK100 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10002CTR TI1-TLK10002CTR Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
More results

Similar Description - TLK10081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
   MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
Texas Instruments
DS250DF810 TI1-DS250DF810 Datasheet
899Kb / 12P
[Old version datasheet]   25 Gbps Multi-Rate 8-Channel Retimer
DS280DF810 TI1-DS280DF810 Datasheet
332Kb / 11P
[Old version datasheet]   28 Gbps Multi-Rate 8-Channel Retimer
DS280DF810 TI1-DS280DF810_V01 Datasheet
2Mb / 51P
[Old version datasheet]   DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
logo
Finisar Corporation.
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
   High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com