Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

100489-6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 100489-6
Description  Nickel thin film elements are characterized by a relatively high temperature coefficient
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

100489-6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nickel Thin Film Temperature Sensor
Nickel thin film elements are characterized by a relatively high temperature coefficient. Typical applications include
bearing temperature monitoring, HVAC temperature monitoring, and stator winding temperature monitoring
Nominal Resistance R0
Accuracy
Part Number
1000
DIN 43760
100 489-6
All technical data serves as a guideline and does not guarantee any particular properties to the product.
Specification
DIN 43760
Temperature Range
-60
°C to +250 °C
Temperature Coefficient
6180 ppm/K
Lead wire material
silver
Protective coating
high-temperature epoxy
Self-heating
0,3K/mW in air
Response time
Water (v = 0,2m/sec.) t0,9 = 0,3 sec.
Air (v= 1m/sec.)
t0,9 = 9 sec.
Operating Current, Maximum
5 mA
Polynomial of a nickel resistor in accordance with DIN 43760:
R(
ϑ) = R0 x (1 + 5,481x10-3xϑ + 6,650x10-62 + 2,805x10-114 + 2,000x10-176)
Maximum permissible tolerance as a function of temperature (DIN 43760):
ϑ<0°C: F = ±(0,4 + 0,028 x ϑ) °C
ϑ>0°C: F = ±(0,4 + 0,007 x ϑ) °C
Status: 10/09 DWM
1901 Route 130
North Brunswick, NJ 08902
Phone 732-940-4400
Fax 732-940-4445
Email info.hst-us@heraeus.com
www.hst-us.com
Heraeus Sensor Technology USA


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn