Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0801733 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801733
Description  ST 1,5-TWIN BU
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801733 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801733 Datasheet HTML 1Page - PHOENIX CONTACT 0801733 Datasheet HTML 2Page - PHOENIX CONTACT 0801733 Datasheet HTML 3Page - PHOENIX CONTACT 0801733 Datasheet HTML 4Page - PHOENIX CONTACT 0801733 Datasheet HTML 5Page - PHOENIX CONTACT 0801733 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 9, 2011
Extract from the online
catalog
 
ST 1,5-TWIN BU
Order No.: 3031131
The illustration shows version ST 1,5-TWIN in gray
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3031131
 
 
Feed-through modular terminal block, Type of connection: Spring-
cage connection, Cross section: 0.08 mm² - 1.5 mm², AWG 28 - 16,
Width: 4.2 mm, Color: blue, Mounting type: NS 35/7.5, NS 35/15
 
Commercial data
GTIN (EAN)
4
017918
186654
sales group
A630
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 82 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2005
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
blue


Similar Part No. - 0801733

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801733 PHOENIX-0801733 Datasheet
216Kb / 19P
   Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
0801733 PHOENIX-0801733 Datasheet
82Kb / 5P
   PITTB 2,5-2DIO/O-UL/O-UR
0801733 PHOENIX-0801733 Datasheet
184Kb / 22P
   Disconnect terminal block - PT 1,5/S-TG
0801733 PHOENIX-0801733 Datasheet
131Kb / 7P
   PIT 4-QUATTRO
0801733 PHOENIX-0801733 Datasheet
78Kb / 5P
   PITTB 2,5 BU
More results

Similar Description - 0801733

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3031254 PHOENIX-3031254 Datasheet
171Kb / 6P
   ST 2,5-TWIN BU
3036479 PHOENIX-3036479 Datasheet
165Kb / 6P
   ST 6-TWIN BU
3031403 PHOENIX-3031403 Datasheet
172Kb / 5P
   ST 4-TWIN BU
3035331 PHOENIX-3035331 Datasheet
138Kb / 5P
   ST 16-TWIN BU
3025532 PHOENIX-3025532 Datasheet
144Kb / 5P
   MT 1,5-TWIN BU
3205051 PHOENIX-3205051 Datasheet
149Kb / 5P
   QTC 1,5-TWIN BU
3031128 PHOENIX-3031128 Datasheet
175Kb / 6P
   ST 1,5-TWIN
3031089 PHOENIX-3031089 Datasheet
169Kb / 5P
   ST 1,5 BU
3037261 PHOENIX-3037261 Datasheet
149Kb / 4P
   ST 1,5-TWIN YE
3037274 PHOENIX-3037274 Datasheet
157Kb / 5P
   ST 1,5-TWIN RD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com