Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK10022 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10022
Description  10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10022 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLK10022 Datasheet HTML 27Page - Texas Instruments TLK10022 Datasheet HTML 28Page - Texas Instruments TLK10022 Datasheet HTML 29Page - Texas Instruments TLK10022 Datasheet HTML 30Page - Texas Instruments TLK10022 Datasheet HTML 31Page - Texas Instruments TLK10022 Datasheet HTML 32Page - Texas Instruments TLK10022 Datasheet HTML 33Page - Texas Instruments TLK10022 Datasheet HTML 34Page - Texas Instruments TLK10022 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
TLK10022
www.ti.com
SLLSEE7 – NOVEMBER 2013
Table 6-10. HSTX Post-Cursor1 Transmit Tap Weights
5.12:8
5.12:8
VALUE
TAP WEIGHT (%)
VALUE
TAP WEIGHT (%)
00000
0
10000
0
00001
+2.5
10001
–2.5
00010
+5.0
10010
–5.0
00011
+7.5
10011
–7.5
00100
+10.0
10100
–10.0
00101
+12.5
10101
–12.5
00110
+15.0
10110
–15.0
00111
+17.5
10111
–17.5
01000
+20.0
11000
–20.0
01001
+22.5
11001
–22.5
01010
+25.0
11010
–25.0
01011
+27.5
11011
–27.5
01100
+0
11100
–0
01101
+32.5
11101
–32.5
01110
+35.0
11110
–35.0
01111
+37.5
11111
–37.5
Table 6-11. HSTX Post-Cursor2 Transmit Tap Weights
5.3:0
5.3:0
VALUE
TAP WEIGHT (%)
VALUE
TAP WEIGHT (%)
0000
0
1000
0
0001
+2.5
1001
–2.5
0010
+5.0
1010
–5.0
0011
+7.5
1011
–7.5
0100
+10.0
1100
–10.0
0101
+12.5
1101
–12.5
0110
+15.0
1110
–15.0
0111
+17.5
1111
–17.5
Copyright © 2013, Texas Instruments Incorporated
PROGRAMMERS REFERENCE
31
Submit Documentation Feedback
Product Folder Links: TLK10022


Similar Part No. - TLK10022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
TLK1002A TI-TLK1002A Datasheet
618Kb / 16P
[Old version datasheet]   DUAL SIGNAL CONDITIONING TRANSCEIVER
TLK1002ARGER TI-TLK1002ARGER Datasheet
618Kb / 16P
[Old version datasheet]   DUAL SIGNAL CONDITIONING TRANSCEIVER
TLK1002ARGERG4 TI-TLK1002ARGERG4 Datasheet
618Kb / 16P
[Old version datasheet]   DUAL SIGNAL CONDITIONING TRANSCEIVER
TLK1002ARGET TI-TLK1002ARGET Datasheet
618Kb / 16P
[Old version datasheet]   DUAL SIGNAL CONDITIONING TRANSCEIVER
More results

Similar Description - TLK10022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10081 TI1-TLK10081 Datasheet
604Kb / 62P
[Old version datasheet]   10Gbps 1-8 CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
   MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
PMC-Sierra, Inc
PM7350-1 PMC-PM7350-1 Datasheet
37Kb / 2P
   Dual Serial Link, PHY Multiplexer
PM7350 PMC-PM7350 Datasheet
35Kb / 2P
   Dual Serial Link, PHY Multiplexer
PM7350 PMC-PM7350 Datasheet
1Mb / 241P
   DUAL SERIAL LINK PHY MULTIPLEXER
logo
Texas Instruments
TLK6002 TI-TLK6002 Datasheet
1,000Kb / 96P
[Old version datasheet]   Dual Channel 0.47Gbps to 6.25Gbps Multi-Rate Transceiver
logo
Finisar Corporation.
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
   High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
logo
MRV Communications, Inc...
EM316DMR10G-3R MRV-EM316DMR10G-3R Datasheet
792Kb / 3P
   SFP Multi-Rate Dual Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com