Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE27ARLG Datasheet(PDF) 2 Page - ON Semiconductor

Part # P6KE27ARLG
Description  600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors Unidirectional
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P6KE27ARLG Datasheet(HTML) 2 Page - ON Semiconductor

  P6KE27ARLG Datasheet HTML 1Page - ON Semiconductor P6KE27ARLG Datasheet HTML 2Page - ON Semiconductor P6KE27ARLG Datasheet HTML 3Page - ON Semiconductor P6KE27ARLG Datasheet HTML 4Page - ON Semiconductor P6KE27ARLG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
P6KE6.8A Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 3.5 V Max. @ IF (Note 6) = 50 A)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 6) = 50 A)
Device*
Device
Marking
VRWM
(Note 3)
IR @ VRWM
Breakdown Voltage
VC @ IPP (Note 5)
QVBR
VBR (Note 4) (V)
@ IT
VC
IPP
V
mA
Min
Nom
Max
mA
V
A
%/°C
P6KE6.8A, G
P6KE6.8A
5.8
1000
6.45
6.80
7.14
10
10.5
57
0.057
P6KE7.5ARLG
P6KE7.5A
6.4
500
7.13
7.51
7.88
10
11.3
53
0.061
P6KE10AG
P6KE10A
8.55
10
9.5
10
10.5
1
14.5
41
0.073
P6KE12A, G
P6KE12A
10.2
5
11.4
12
12.6
1
16.7
36
0.078
P6KE13AG
P6KE13A
11.1
5
12.4
13.05
13.7
1
18.2
33
0.081
P6KE15AG
P6KE15A
12.8
5
14.3
15.05
15.8
1
21.2
28
0.084
P6KE16A, G
P6KE16A
13.6
5
15.2
16
16.8
1
22.5
27
0.086
P6KE18AG
P6KE18A
15.3
5
17.1
18
18.9
1
25.2
24
0.088
P6KE20ARLG
P6KE20A
17.1
5
19
20
21
1
27.7
22
0.09
P6KE22ARLG
P6KE22A
18.8
5
20.9
22
23.1
1
30.6
20
0.092
P6KE24ARLG
P6KE24A
20.5
5
22.8
24
25.2
1
33.2
18
0.094
P6KE27ARLG
P6KE27A
23.1
5
25.7
27.05
28.4
1
37.5
16
0.096
P6KE30ARLG
P6KE30A
25.6
5
28.5
30
31.5
1
41.4
14.4
0.097
P6KE33AG
P6KE33A
28.2
5
31.4
33.05
34.7
1
45.7
13.2
0.098
P6KE36AG
P6KE36A
30.8
5
34.2
36
37.8
1
49.9
12
0.099
P6KE39AG
P6KE39A
33.3
5
37.1
39.05
41
1
53.9
11.2
0.1
P6KE43AG
P6KE43A
36.8
5
40.9
43.05
45.2
1
59.3
10.1
0.101
P6KE47AG
P6KE47A
40.2
5
44.7
47.05
49.4
1
64.8
9.3
0.101
P6KE51AG
P6KE51A
43.6
5
48.5
51.05
53.6
1
70.1
8.6
0.102
P6KE56AG
P6KE56A
47.8
5
53.2
56
58.8
1
77
7.8
0.103
P6KE62ARLG
P6KE62A
53
5
58.9
62
65.1
1
85
7.1
0.104
P6KE68AG
P6KE68A
58.1
5
64.6
68
71.4
1
92
6.5
0.104
P6KE75ARLG
P6KE75A
64.1
5
71.3
75.05
78.8
1
103
5.8
0.105
P6KE82ARLG
P6KE82A
70.1
5
77.9
82
86.1
1
113
5.3
0.105
P6KE91ARLG
P6KE91A
77.8
5
86.5
91
95.5
1
125
4.8
0.106
P6KE100ARLG
P6KE100A
85.5
5
95
100
105
1
137
4.4
0.106
P6KE120ARLG
P6KE120A
102
5
114
120
126
1
165
3.6
0.107
P6KE130AG
P6KE130A
111
5
124
130.5
137
1
179
3.3
0.107
P6KE150AG
P6KE150A
128
5
143
150.5
158
1
207
2.9
0.108
P6KE160ARLG
P6KE160A
136
5
152
160
168
1
219
2.7
0.108
P6KE180ARLG
P6KE180A
154
5
171
180
189
1
246
2.4
0.108
P6KE200A, G
P6KE200A
171
5
190
200
210
1
274
2.2
0.108
3. A transient suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which should be equal to or
greater than the dc or continuous peak operating voltage level.
4. VBR measured at pulse test current IT at an ambient temperature of 25°C
5. Surge current waveform per Figure 4 and derate per Figures 1 and 2.
6. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
*The “G’’ suffix indicates Pb−Free package or Pb−Free Packages are available.


Similar Part No. - P6KE27ARLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6KE27ARLG ONSEMI-P6KE27ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE27ARLG ONSEMI-P6KE27ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE27ARLG ONSEMI-P6KE27ARLG Datasheet
114Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE27ARLG ONSEMI-P6KE27ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE27ARLG ONSEMI-P6KE27ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
More results

Similar Description - P6KE27ARLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P6KE30AG ONSEMI-P6KE30AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE200ARLG ONSEMI-P6KE200ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE12ARLG ONSEMI-P6KE12ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE15ARLG ONSEMI-P6KE15ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE6.8AG ONSEMI-P6KE6.8AG Datasheet
114Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE47ARLG ONSEMI-P6KE47ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE150ARLG ONSEMI-P6KE150ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE68AG ONSEMI-P6KE68AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE200AG ONSEMI-P6KE200AG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
P6KE68ARLG ONSEMI-P6KE68ARLG Datasheet
132Kb / 5P
   600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
October, 2009 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com