Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65472DEP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65472DEP
Description  DUAL PERIPHERAL DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65472DEP Datasheet(HTML) 5 Page - Texas Instruments

  SN65472DEP Datasheet HTML 1Page - Texas Instruments SN65472DEP Datasheet HTML 2Page - Texas Instruments SN65472DEP Datasheet HTML 3Page - Texas Instruments SN65472DEP Datasheet HTML 4Page - Texas Instruments SN65472DEP Datasheet HTML 5Page - Texas Instruments SN65472DEP Datasheet HTML 6Page - Texas Instruments SN65472DEP Datasheet HTML 7Page - Texas Instruments SN65472DEP Datasheet HTML 8Page - Texas Instruments SN65472DEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
1000
10000
100000
1000000
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
Junction Temperature (°C)
Wirebond Voiding Fail Mode
SN65472-EP
www.ti.com
SLRS061 – SEPTEMBER 2013
(1)
See Datasheet for Absolute Maximum and minimum Recommended Operating Conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
Figure 1. SN65472-EP Wirebond Life Derating Chart
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65472-EP


Similar Part No. - SN65472DEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65472DEP TI1-SN65472DEP Datasheet
746Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
More results

Similar Description - SN65472DEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65472-EP TI1-SN65472-EP_16 Datasheet
746Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVER
logo
Microsemi Corporation
SG55451B MICROSEMI-SG55451B Datasheet
35Kb / 3P
   DUAL PERIPHERAL POSITIVE-AND DRIVER
SG75474 MICROSEMI-SG75474 Datasheet
39Kb / 3P
   DUAL PERIPHERAL POSITIVE NOR DRIVER
logo
Rochester Electronics
DS1634J-8 ROCHESTER-DS1634J-8 Datasheet
609Kb / 1P
   FLEXIBLE PERIPHERAL DRIVER for interfacing with CMOS circuits Dual Peripheral Driver
logo
Texas Instruments
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
logo
Motorola, Inc
MC1411 MOTOROLA-MC1411 Datasheet
200Kb / 4P
   Peripheral Driver Arrays
logo
Texas Instruments
SN75437A TI-SN75437A Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
logo
Allegro MicroSystems
5713 ALLEGRO-5713 Datasheet
88Kb / 4P
   DUAL PERIPHERAL AND POWER DRIVER TRANSIENT PROTECTED OUTPUTS
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com